Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 135 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 135 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 131Page - Maxim Integrated Products DS26521 Datasheet HTML 132Page - Maxim Integrated Products DS26521 Datasheet HTML 133Page - Maxim Integrated Products DS26521 Datasheet HTML 134Page - Maxim Integrated Products DS26521 Datasheet HTML 135Page - Maxim Integrated Products DS26521 Datasheet HTML 136Page - Maxim Integrated Products DS26521 Datasheet HTML 137Page - Maxim Integrated Products DS26521 Datasheet HTML 138Page - Maxim Integrated Products DS26521 Datasheet HTML 139Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
135 of 258
Register Name:
RESCR
Register Description:
Receive Elastic Store Control Register
Register Address:
085h
Bit #
7
6
5
4
3
2
1
0
Name
RDATFMT
RGCLKEN
—
RSZS
RESALGN
RESR
RESMDM
RESE
Default
0
0
0
0
0
0
0
0
Bit 7: Receive Channel Data Format (RDATFMT).
0 = 64kbps (data contained in all 8 bits)
1 = 56kbps (data contained in 7 out of the 8 bits)
Bit 6: Receive Gapped Clock Enable (RGCLKEN).
0 = RCHCLK functions normally
1 = Enable gapped bit clock output on RCHCLK
Note: RGPCKEN and RDATFMT are not associated with the elastic store and are explained in the fractional
support section.
Bit 4: Receive Slip Zone Select (RSZS). This bit determines the minimum distance allowed between the elastic
store read and write pointers before forcing a controlled slip. This bit only applies during T1-to-E1 or E1-to-T1
conversion applications.
0 = force a slip at 9 bytes or less of separation (used for clustered blank channels)
1 = force a slip at 2 bytes or less of separation (used for distributed blank channels and minimum delay
mode)
Bit 3: Receive Elastic Store Align (RESALGN). Setting this bit from 0 to 1 forces the receive elastic store’s
write/read pointers to a minimum separation of half a frame. No action is taken if the pointer separation is already
greater or equal to half a frame. If pointer separation is less than half a frame, the command is executed and the
data is disrupted. This bit should be toggled after RSYSCLK has been applied and is stable. It must be cleared and
set again for a subsequent align.
Bit 2: Receive Elastic Store Reset (RESR). Setting this bit from 0 to 1 forces the read pointer into the same frame
that the write pointer is exiting, minimizing the delay through the elastic store. If this command should place the
pointers within the slip zone (see bit 4), then an immediate slip occurs and the pointers move back to opposite
frames. Should be toggled after RSYSCLK has been applied and is stable. Do not leave this bit set HIGH.
Bit 1: Receive Elastic Store Minimum Delay Mode (RESMDM).
0 = elastic stores operate at full two-frame depth
1 = elastic stores operate at 32-bit depth
Bit 0: Receive Elastic Store Enable (RESE).
0 = elastic store is bypassed
1 = elastic store is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com