Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 138 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 138 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 134Page - Maxim Integrated Products DS26521 Datasheet HTML 135Page - Maxim Integrated Products DS26521 Datasheet HTML 136Page - Maxim Integrated Products DS26521 Datasheet HTML 137Page - Maxim Integrated Products DS26521 Datasheet HTML 138Page - Maxim Integrated Products DS26521 Datasheet HTML 139Page - Maxim Integrated Products DS26521 Datasheet HTML 140Page - Maxim Integrated Products DS26521 Datasheet HTML 141Page - Maxim Integrated Products DS26521 Datasheet HTML 142Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
138 of 258
Register Name:
RIBOC
Register Description:
Receive Interleave Bus Operation Control Register
Register Address:
088h
Bit #
7
6
5
4
3
2
1
0
Name
—
IBS1
IBS0
IBOSEL
IBOEN
DA2
DA1
DA0
Default
0
0
0
0
0
0
0
0
Bits 6 and 5: IBO Bus Size Bits (IBS[1:0]). Indicates how many devices on the bus.
IBS1
IBS0
BUS SIZE
0
0
2 devices on bus (4.096MHz)
0
1
4 devices on bus (8.192MHz)
1
0
8 devices on bus (16.384MHz)
1
1
Reserved for future use
Bit 4: Interleave Bus Operation Select (IBOSEL). This bit selects channel or frame interleave mode.
0 = Channel Interleave
1 = Frame Interleave
Bit 3: Interleave Bus Operation Enable (IBOEN).
0 = interleave bus operation disabled
1 = interleave bus operation enabled
Bits 2 to 0: Device Assignment Bits (DA[2:0]).
DA2
DA1
DA0
DEVICE POSITION
0
0
0
1st device on bus
0
0
1
2nd device on bus
0
1
0
3rd device on bus
0
1
1
4th device on bus
1
0
0
5th device on bus
1
0
1
6th device on bus
1
1
0
7th device on bus
1
1
1
8th device on bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com