Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 136 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 136 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 132Page - Maxim Integrated Products DS26521 Datasheet HTML 133Page - Maxim Integrated Products DS26521 Datasheet HTML 134Page - Maxim Integrated Products DS26521 Datasheet HTML 135Page - Maxim Integrated Products DS26521 Datasheet HTML 136Page - Maxim Integrated Products DS26521 Datasheet HTML 137Page - Maxim Integrated Products DS26521 Datasheet HTML 138Page - Maxim Integrated Products DS26521 Datasheet HTML 139Page - Maxim Integrated Products DS26521 Datasheet HTML 140Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
136 of 258
Register Name:
ERCNT
Register Description:
Error-Counter Configuration Register
Register Address:
086h
Bit #
7
6
5
4
3
2
1
0
Name
1SECS
MCUS
MECU
ECUS
EAMS
FSBE
MOSCRF
LCVCRF
1SECS
MCUS
MECU
ECUS
EAMS
—
—
LCVCRF
Default
0
0
0
0
0
0
0
0
Bit 7: One-Second Select (1SECS). This bit allows for synchronization of the error counter updates between
multiple ports. When ERCNT.3 = 0, setting this bit (on a specific framer) will update the framer’s error counters on
the transition of the one-second timer from framer 1. Note that this bit should always be clear for framer 1.
0 = Use the one-second timer that is internal to the framer.
1 = Use the one-second timer from framer 1 to latch updates.
Bit 6: Manual Counter Update Select (MCUS). When manual update mode is enabled with EAMS, this bit can be
used to allow the incoming LATCH_CNT signal to latch all counters. Useful for synchronously latching counters of
multiple DS26521 cores located on the same die.
0 = MECU is used to manually latch counters.
1 = Counters are latched on the rising edge of the LATCH_CNT signal.
Bit 5: Manual Error Counter Update (MECU). When enabled by ERCNT.3, the changing of this bit from a 0 to a 1
allows the next clock cycle to load the error counter registers with the latest counts and reset the counters. The
user must wait a minimum of 250
μs before reading the error count registers to allow for proper update.
Bit 4: Error Counter Update Select (ECUS).
T1 Mode:
0 = Update error counters once a second
1 = Update error counters every 42ms (333 frames)
E1 Mode:
0 = Update error counters once a second
1 = Update error counters every 62.5ms (500 frames)
Bit 3: Error Accumulation Mode Select (EAMS).
0 = Automatic updating of error counters enabled. The state of ERCNT.4 determines accumulation time
(timed update)
1 = User toggling of ERCNT.5 determines accumulation time (manual update)
Bit 2: PCVCR Fs-Bit Error Report Enable (FSBE) (T1 Mode Only).
0 = do not report bit errors in Fs-bit position; only Ft-bit position
1 = report bit errors in Fs-bit position as well as Ft-bit position
Bit 1: Multiframe Out of Sync Count Register Function Select (MOSCRF) (T1 Mode Only).
0 = count errors in the framing bit position
1 = count the number of multiframes out of sync
Bit 0: T1 Line Code Violation Count Register Function Select (LCVCRF).
0 = do not count excessive zeros
1 = count excessive zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com