Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 134 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 134 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 130Page - Maxim Integrated Products DS26521 Datasheet HTML 131Page - Maxim Integrated Products DS26521 Datasheet HTML 132Page - Maxim Integrated Products DS26521 Datasheet HTML 133Page - Maxim Integrated Products DS26521 Datasheet HTML 134Page - Maxim Integrated Products DS26521 Datasheet HTML 135Page - Maxim Integrated Products DS26521 Datasheet HTML 136Page - Maxim Integrated Products DS26521 Datasheet HTML 137Page - Maxim Integrated Products DS26521 Datasheet HTML 138Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
134 of 258
Register Name:
RIOCR
Register Description:
Receive I/O Configuration Register
Register Address:
084h
Bit #
7
6
5
4
3
2
1
0
Name
RCLKINV
RSYNCINV
H100EN
RSCLKM
RSMS
RSIO
RSMS2
RSMS1
RCLKINV
RSYNCINV
H100EN
RSCLKM
—
RSIO
RSMS2
RSMS1
Default
0
0
0
0
0
1
0
0
Bit 7: RCLK Invert (RCLKINV).
0 = no inversion
1 = invert RCLK as input
Bit 6: RSYNC Invert (RSYNCINV).
0 = no inversion
1 = invert RSYNC as either input or output
Bit 5: H.100 SYNC Mode (H100EN). See Section 8.8.3 for more information.
0 = normal operation
1 = RSYNC and TSSYNCIO signals are shifted
Bit 4: RSYSCLK Mode Select (RSCLKM).
0 = if RSYSCLK is 1.544MHz
1 = if RSYSCLK is 2.048MHz or IBO enabled
Bit 3: RSYNC Multiframe Skip Control (RSMS) (T1 Mode Only). Useful in framing format conversions from D4 to
ESF. This function is not available when the receive-side elastic store is enabled. RSYNC must be set to output
multiframe pulses.
0 = RSYNC will output a pulse at every multiframe
1 = RSYNC will output a pulse at every other multiframe
Bit 2: RSYNC I/O Select (RSIO). (Note: This bit must be set to zero when elastic store is disabled) The default
value for this bit is a logic 1 so that the default state of RSYNC is as an input.
0 = RSYNC is an output
1 = RSYNC is an input (only valid if elastic store enabled)
Bit 1: RSYNC Mode Select 2 (RSMS2).
T1 Mode: RSYNC pin must be programmed in the output frame mode.
0 = do not pulse double-wide in signaling frames
1 = do pulse double-wide in signaling frames
E1 Mode: RSYNC pin must be programmed in the output multiframe mode.
0 = RSYNC outputs CAS multiframe boundaries
1 = RSYNC outputs CRC-4 multiframe boundaries
In E1 mode, RSMS2 also selects which multiframe signal is available at the RMSYNC pin, regardless of the
configuration for RSYNC. When RSMS2 = 0, RMSYNC outputs CAS multiframe boundaries; when RSMS2 = 1,
RMSYNC outputs CRC-4 multiframe boundaries.
Bit 0: RSYNC Mode Select 1 (RSMS1). Selects frame or multiframe pulse when RSYNC pin is in output mode. In
input mode (elastic store must be enabled) multiframe mode is only useful when receive-signaling reinsertion is
enabled.
0 = frame mode
1 = multiframe mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com