Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 142 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 142 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 138Page - Maxim Integrated Products DS26521 Datasheet HTML 139Page - Maxim Integrated Products DS26521 Datasheet HTML 140Page - Maxim Integrated Products DS26521 Datasheet HTML 141Page - Maxim Integrated Products DS26521 Datasheet HTML 142Page - Maxim Integrated Products DS26521 Datasheet HTML 143Page - Maxim Integrated Products DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
142 of 258
Register Name:
RLS2 (T1 Mode)
Register Description:
Receive Latched Status Register 2
Register Address:
091h
Bit #
7
6
5
4
3
2
1
0
Name
RPDV
—
COFA
8ZD
16ZD
SEFE
B8ZS
FBE
Default
0
0
0
0
0
0
0
0
Note: All bits in these register are latched. This register does not create interrupts. See RLS2 for E1 mode.
Bit 7: Receive Pulse Density Violation Event (RPDV). Set when the receive data stream does not meet the ANSI
T1.403 requirements for pulse density.
Bit 5: Change of Frame Alignment Event (COFA). Set when the last resync resulted in a change of frame or
multiframe alignment.
Bit 4: Eight Zero Detect Event (8ZD). Set when a string of at least eight consecutive zeros (regardless of the
length of the string) have been received.
Bit 3: Sixteen Zero Detect Event (16ZD). Set when a string of at least 16 consecutive zeros (regardless of the
length of the string) have been received.
Bit 2: Severely Errored Framing Event (SEFE). Set when two out of six framing bits (Ft or FPS) are received in
error.
Bit 1: B8ZS Codeword Detect Event (B8ZS). Set when a B8ZS codeword is detected independent of whether the
B8ZS mode is selected or not. Useful for automatically setting the line coding.
Bit 0: Frame Bit Error Event (FBE). Set when a Ft (D4) or FPS (ESF) framing bit is received in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com