Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 145 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 145 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 141Page - Maxim Integrated Products DS26521 Datasheet HTML 142Page - Maxim Integrated Products DS26521 Datasheet HTML 143Page - Maxim Integrated Products DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
145 of 258
Register Name:
RLS3 (E1 Mode)
Register Description:
Receive Latched Status Register 3
Register Address:
092h
Bit #
7
6
5
4
3
2
1
0
Name
LORCC
—
V52LNKC
RDMAC
LORCD
—
V52LNKD
RDMAD
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can create interrupts. See RLS3 for T1 mode.
Bit 7: Loss of Receive Clock Clear (LORCC). Change of state indication. Set when an LORC condition has
cleared (falling edge detect of LORC)
Bit 5: V5.2 Link Detected Clear (V52LNKC). Change of state indication. Set when a V52LNK condition has
cleared (falling edge detect of V52LNK).
Bit 4: Receive Distant MF Alarm Clear (RDMAC). Change of state indication. Set when an RDMA condition has
cleared (falling edge detect of RDMA).
Bit 3: Loss of Receive Clock Detect (LORCD). Change of state indication. Set when the RCLK pin has not
transitioned for one channel time (rising edge detect of LORC).
Bit 1: V5.2 Link Detect (V52LNKD). Change of state indication. Set on detection of a V5.2 link identification signal.
(G.965). This is the rising edge detect of V52LNK.
Bit 0: Receive Distant MF Alarm Detect (RDMAD). Change of state indication. Set when bit 6 of time slot 16 in
frame 0 has been set for two consecutive multiframes. This alarm is not disabled in the CCS signaling mode. This
is the rising edge detect of RDMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com