Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 149 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 149 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products DS26521 Datasheet HTML 151Page - Maxim Integrated Products DS26521 Datasheet HTML 152Page - Maxim Integrated Products DS26521 Datasheet HTML 153Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
149 of 258
Register Name:
RSS1, RSS2, RSS3, RSS4
Register Description:
Receive-Signaling Status Registers 1 to 4
Register Address:
098h, 099h, 09Ah, 09Bh
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1*
RSS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RSS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17*
RSS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RSS4
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Note: Status bits in this register are latched.
When a channel’s signaling data changes state, the respective bit in registers RSS1:RSS4 will be set and latched.
The RSCOS bit (RLS4.3) will be set if the channel was also enabled by setting the appropriate bit in RSCSE1:4.
The
INTB signal will go low if enabled by the interrupt mask bit RIM4.3. The bit will remain set until read.
*Note that in E1 CAS mode, the LSB of RSS1 would typically represent the CAS alignment bits, and the LSB of RSS3
represents reserved bits and the distant multiframe alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com