Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 150 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 150 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products DS26521 Datasheet HTML 151Page - Maxim Integrated Products DS26521 Datasheet HTML 152Page - Maxim Integrated Products DS26521 Datasheet HTML 153Page - Maxim Integrated Products DS26521 Datasheet HTML 154Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
150 of 258
Register Name:
T1RSCD1 (T1 Mode Only)
Register Description:
Receive Spare Code Definition Register 1
Register Address:
09Ch
Bit #
7
6
5
4
3
2
1
0
Name
C7
C6
C5
C4
C3
C2
C1
C0
Default
0
0
0
0
0
0
0
0
Note: Writing this register resets the detector’s integration period.
Bit 7: Receive Spare Code Definition Bit 7 (C7). First bit of the repeating pattern.
Bit 6: Receive Spare Code Definition Bit 6 (C6). A Don’t Care if a 1-bit length is selected.
Bit 5: Receive Spare Code Definition Bit 5 (C5). A Don’t Care if a 1- or 2-bit length is selected.
Bit 4: Receive Spare Code Definition Bit 4 (C4). A Don’t Care if a 1- to 3-bit length is selected.
Bit 3: Receive Spare Code Definition Bit 3 (C3). A Don’t Care if a 1- to 4-bit length is selected.
Bit 2: Receive Spare Code Definition Bit 2 (C2). A Don’t Care if a 1- to 5-bit length is selected.
Bit 1: Receive Spare Code Definition Bit 1 (C1). A Don’t Care if a 1- to 6-bit length is selected.
Bit 0: Receive Spare Code Definition Bit 0 (C0). A Don’t Care if a 1- to 7-bit length is selected.
Register Name:
T1RSCD2 (T1 Mode Only)
Register Description:
Receive Spare Code Definition Register 2
Register Address:
09Dh
Bit #
7
6
5
4
3
2
1
0
Name
C7
C6
C5
C4
C3
C2
C1
C0
Default
0
0
0
0
0
0
0
0
Bit 7: Receive Spare Code Definition Bit 7 (C7). A Don’t Care if a 1- to 7-bit length is selected.
Bit 6: Receive Spare Code Definition Bit 6 (C6). A Don’t Care if a 1- to 7-bit length is selected.
Bit 5: Receive Spare Code Definition Bit 5 (C5). A Don’t Care if a 1- to 7-bit length is selected.
Bit 4: Receive Spare Code Definition Bit 4 (C4). A Don’t Care if a 1- to 7-bit length is selected.
Bit 3: Receive Spare Code Definition Bit 3 (C3). A Don’t Care if a 1- to 7-bit length is selected.
Bit 2: Receive Spare Code Definition Bit 2 (C2). A Don’t Care if a 1- to 7-bit length is selected.
Bit 1: Receive Spare Code Definition Bit 1 (C1). A Don’t Care if a 1- to 7-bit length is selected.
Bit 0: Receive Spare Code Definition Bit 0 (C0). A Don’t Care if a 1- to 7-bit length is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com