Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 151 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 151 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products DS26521 Datasheet HTML 151Page - Maxim Integrated Products DS26521 Datasheet HTML 152Page - Maxim Integrated Products DS26521 Datasheet HTML 153Page - Maxim Integrated Products DS26521 Datasheet HTML 154Page - Maxim Integrated Products DS26521 Datasheet HTML 155Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
151 of 258
Register Name:
RIIR
Register Description:
Receive Interrupt Information Register
Register Address:
09Fh
Bit #
7
6
5
4
3
2
1
0
Name
—
RLS7
RLS6*
RLS5
RLS4
RLS3
RLS2**
RLS1
Default
0
0
0
0
0
0
0
0
*RLS6 is reserved for future use.
**Currently, RLS2 does not create an interrupt, therefore this bit is not used in T1 mode.
The Receive Interrupt Information register (RIIR) indicates which of the DS26521 status registers are generating an
interrupt. When an interrupt occurs, the host can read RIIR to quickly identify which of the receive status registers
is (are) causing the interrupt(s). The RIIR bits clear once the appropriate interrupt has been serviced and cleared,
as long as no additional, unmasked interrupt condition is present in the associated status register. Status bits that
have been masked via the Receive Interrupt Mask (RIMx) registers will also be masked from the RIIR register.
Register Name:
RIM1
Register Description:
Receive Interrupt Mask Register 1
Register Address:
0A0h
Bit #
7
6
5
4
3
2
1
0
Name
RRAIC
RAISC
RLOSC
RLOFC
RRAID
RAISD
RLOSD
RLOFD
Default
0
0
0
0
0
0
0
0
Bit 7: Receive Remote Alarm Indication Condition Clear (RRAIC).
0 = interrupt masked
1 = interrupt enabled
Bit 6: Receive Alarm Indication Signal Condition Clear (RAISC).
0 = interrupt masked
1 = interrupt enabled
Bit 5: Receive Loss of Signal Condition Clear (RLOSC).
0 = interrupt masked
1 = interrupt enabled
Bit 4: Receive Loss of Frame Condition Clear (RLOFC).
0 = interrupt masked
1 = interrupt enabled
Bit 3: Receive Remote Alarm Indication Condition Detect (RRAID).
0 = interrupt masked
1 = interrupt enabled
Bit 2: Receive Alarm Indication Signal Condition Detect (RAISD).
0 = interrupt masked
1 = interrupt enabled
Bit 1: Receive Loss of Signal Condition Detect (RLOSD).
0 = interrupt masked
1 = interrupt enabled
Bit 0: Receive Loss of Frame Condition Detect (RLOFD).
0 = interrupt masked
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com