Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 148 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 148 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products DS26521 Datasheet HTML 151Page - Maxim Integrated Products DS26521 Datasheet HTML 152Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
148 of 258
Register Name:
RLS7 (T1 Mode)
Register Description:
Receive Latched Status Register 7
Register Address:
096h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
RRAI-CI
RAIS-CI
RSLC96
RFDLF
BC
BD
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can create interrupts. See RLS7 for E1 mode.
Bit 5: Receive RAI-CI Detect (RRAI-CI). Set when an RAI-CI pattern has been detected by the receiver. This bit is
active in ESF framing mode only, and will set only if an RAI condition is being detected (RRTS1.3). When the host
reads (and clears) this bit, it will set again each time the RAI-CI pattern is detected (approximately every 1.1
seconds).
Bit 4: Receive AIS-CI Detect (RAIS-CI). Set when an AIS-CI pattern has been detected by the receiver. This bit
will set only if an AIS condition is being detected (RRTS1.2). This is a latched bit that must be cleared by the host,
and will set again each time the AIS-CI pattern is detected (approximately every 1.2 seconds).
Bit 3: Receive SLC-96 Alignment Event (RSLC96). Set when a valid SLC-96 alignment pattern is detected in the
Fs-bit stream, and the RSLCx registers have data available for retrieval. See Section 8.9.4.5 for more information.
Bit 2: Receive FDL Register Full Event (RFDLF). Set when the 8-bit T1RFDL register is full. Useful for SLC-96
operation, or manual extraction of FDL data bits. See Section 8.9.5.4 for more information.
Bit 1: BOC Clear Event (BC). Set when a valid BOC is no longer detected (with the disintegration filter applied).
Bit 0: BOC Detect Event (BD). Set when a valid BOC has been detected (with the BOC filter applied).
Register Name:
RLS7 (E1 Mode)
Register Description:
Receive Latched Status Register 7
Register Address:
096h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
Sa6CD
SaXCD
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can create interrupts. See RLS7 for T1 mode.
Bit 1: Sa6 Codeword Detect (Sa6CD). Set when a valid codeword (per ETS 300 233) is detected in the Sa6 bit
positions.
Bit 0: SaX Bit Change Detect (SaXCD). Set when a bit change is detected in the SaX bit position. The enabled
SaX bits are selected by the E1RSAIMR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com