Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 146 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 146 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 142Page - Maxim Integrated Products DS26521 Datasheet HTML 143Page - Maxim Integrated Products DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
146 of 258
Register Name:
RLS4
Register Description:
Receive Latched Status Register 4
Register Address:
093h
Bit #
7
6
5
4
3
2
1
0
Name
RESF
RESEM
RSLIP
—
RSCOS
1SEC
TIMER
RMF
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can create interrupts.
Bit 7: Receive Elastic Store Full Event (RESF). Set when the receive elastic store buffer fills and a frame is
deleted.
Bit 6: Receive Elastic Store Empty Event (RESEM). Set when the receive elastic store buffer empties and a
frame is repeated.
Bit 5: Receive Elastic Store Slip Occurrence Event (RSLIP). Set when the receive elastic store has either
repeated or deleted a frame.
Bit 3: Receive-Signaling Change-of-State Event (RSCOS). Set when any channel selected by the Receive-
Signaling Change-of-State Interrupt Enable registers (RSCSE1:RSCSE3) changes signaling state.
Bit 2: One-Second Timer (1SEC). Set on every one-second interval based on RCLK.
Bit 1: Timer Event (TIMER). This status bit indicates that the performance monitor counters have been updated
and are available to be read by the host. The error counter update interval as determined by the settings in the
Error Counter Configuration register (ERCNT).
T1 Mode: Set on increments of one second or 42ms based on RCLK, or a manual latch event.
E1 Mode: Set on increments of one second or 62.5ms based on RCLK, or a manual latch event.
Bit 0: Receive Multiframe Event (RMF).
T1 Mode: Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF boundaries.
E1 Mode: Set every 2.0ms on receive CAS multiframe boundaries to alert host the signaling data is
available. Continues to set on an arbitrary 2.0ms boundary when CAS signaling is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com