Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 143 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 143 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 139Page - Maxim Integrated Products DS26521 Datasheet HTML 140Page - Maxim Integrated Products DS26521 Datasheet HTML 141Page - Maxim Integrated Products DS26521 Datasheet HTML 142Page - Maxim Integrated Products DS26521 Datasheet HTML 143Page - Maxim Integrated Products DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
143 of 258
Register Name:
RLS2 (E1 Mode)
Register Description:
Receive Latched Status Register 2
Register Address:
091h
Bit #
7
6
5
4
3
2
1
0
Name
—
CRCRC
CASRC
FASRC
RSA1
RSA0
RCMF
RAF
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched. Bits 0 to 3 can cause interrupts. There is no associated real-time register. See RLS2 for T1 mode.
Bit 6: CRC Resync Criteria Met Event (CRCRC). Set when 915:1000 codewords are received in error.
Bit 5: CAS Resync Criteria Met Event (CASRC). Set when two consecutive CAS MF alignment words are
received in error.
Bit 4: FAS Resync Criteria Met Event (FASRC). Set when three consecutive FAS words are received in error.
Bit 3: Receive-Signaling All-Ones Event (RSA1). Set when the contents of time slot 16 contains less than three
zeros over 16 consecutive frames. This alarm is not disabled in the CCS signaling mode.
Bit 2: Receive-Signaling All-Zeros Event (RSA0). Set when over a full MF, time slot 16 contains all zeros.
Bit 1: Receive CRC-4 Multiframe Event (RCMF). Set on CRC-4 multiframe boundaries This bit continues to be
set every 2ms on an arbitrary boundary if CRC-4 is disabled.
Bit 0: Receive Align Frame Event (RAF). Set approximately every 250
μs to alert the host that Si and Sa bits are
available in the RAF and RNAF registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com