Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 147 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 147 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 143Page - Maxim Integrated Products DS26521 Datasheet HTML 144Page - Maxim Integrated Products DS26521 Datasheet HTML 145Page - Maxim Integrated Products DS26521 Datasheet HTML 146Page - Maxim Integrated Products DS26521 Datasheet HTML 147Page - Maxim Integrated Products DS26521 Datasheet HTML 148Page - Maxim Integrated Products DS26521 Datasheet HTML 149Page - Maxim Integrated Products DS26521 Datasheet HTML 150Page - Maxim Integrated Products DS26521 Datasheet HTML 151Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
147 of 258
Register Name:
RLS5
Register Description:
Receive Latched Status Register 5 (HDLC)
Register Address:
094h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
ROVR
RHOBT
RPE
RPS
RHWMS
RNES
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can cause interrupts.
Bit 5: Receive FIFO Overrun (ROVR). Set when the receive HDLC controller has terminated packet reception
because the FIFO buffer is full.
Bit 4: Receive HDLC Opening Byte Event (RHOBT). Set when the next byte available in the receive FIFO is the
first byte of a message.
Bit 3: Receive Packet-End Event (RPE). Set when the HDLC controller detects either the finish of a valid
message (i.e., CRC check complete) or when the controller has experienced a message fault such as a CRC
checking error, or an overrun condition, or an abort has been seen. This is a latched bit and will be cleared when
read.
Bit 2: Receive Packet-Start Event (RPS). Set when the HDLC controller detects an opening byte. This is a
latched bit and will be cleared when read.
Bit 1: Receive FIFO Above High Watermark Set Event (RHWMS). Set when the receive 64-byte FIFO crosses
the high watermark as defined by the Receive HDLC FIFO Control register (RHFC). Rising edge detect of RHWM.
Bit 0: Receive FIFO Not Empty Set Event (RNES). Set when the receive FIFO has transitioned from empty to not
empty (at least one byte has been put into the FIFO). Rising edge detect of RNE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com