Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 127 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 127 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 123Page - Maxim Integrated Products DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products DS26521 Datasheet HTML 127Page - Maxim Integrated Products DS26521 Datasheet HTML 128Page - Maxim Integrated Products DS26521 Datasheet HTML 129Page - Maxim Integrated Products DS26521 Datasheet HTML 130Page - Maxim Integrated Products DS26521 Datasheet HTML 131Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
127 of 258
Register Name:
E1RSa8 (E1 Mode Only)
Register Description:
Receive Sa8 Bits Register
Register Address:
06Dh
Bit #
7
6
5
4
3
2
1
0
Name
RSa8F15
RSa8F13
RSa8F11
RSa8F9
RSa8F7
RSa8F5
RSa8F3
RSa8F1
Default
0
0
0
0
0
0
0
0
Bit 7: Sa8 Bit of Frame 15 (RSa8F15).
Bit 6: Sa8 Bit of Frame 13 (RSa8F13).
Bit 5: Sa8 Bit of Frame 11 (RSa8F11).
Bit 4: Sa8 Bit of Frame 9 (RSa8F9).
Bit 3: Sa8 Bit of Frame 7 (RSa8F7).
Bit 2: Sa8 Bit of Frame 5 (RSa8F5).
Bit 1: Sa8 Bit of Frame 3 (RSa8F3).
Bit 0: Sa8 Bit of Frame 1 (RSa8F1).
Register Name:
SaBITS
Register Description:
Receive SaX Bits Register
Register Address:
06Eh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
Sa4
Sa5
Sa6
Sa7
Sa8
Default
0
0
0
0
0
0
0
0
This register indicates the last received SaX bit. This can be used in conjunction with the RLS7 register to
determine which SaX bits have changed. The user can program which Sa bit positions should be monitored via the
E1RSAIMR register, and when a change is detected through an interrupt in RLS7.6, the user can determine which
bit has changed by reading this register and comparing it with previous known values.
Bit 4: Last Received Sa4 Bit (Sa4).
Bit 3: Last Received Sa5 Bit (Sa5).
Bit 2: Last Received Sa6 Bit (Sa6).
Bit 1: Last Received Sa7 Bit (Sa7).
Bit 0: Last Received Sa8 Bit (Sa8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com