Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 123 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 123 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products DS26521 Datasheet HTML 123Page - Maxim Integrated Products DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products DS26521 Datasheet HTML 127Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
123 of 258
Register Name:
E1RNAF (E1 Mode)
Register Description:
E1 Receive Non-Align Frame Register
Register Address:
065h
Bit #
7
6
5
4
3
2
1
0
Name
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
Default
0
0
0
0
0
0
0
0
Note: This register has an alternate definition for T1 mode. See T1RSLC2.
Bit 7: International Bit (Si).
Bit 6: Frame Non-Alignment Signal Bit (1).
Bit 5: Remote Alarm (A).
Bit 4: Additional Bit 4 (Sa4).
Bit 3: Additional Bit 5 (Sa5).
Bit 2: Additional Bit 6 (Sa6).
Bit 1: Additional Bit 7 (Sa7).
Bit 0: Additional Bit 8 (Sa8).
Register Name:
E1RSiAF (E1 Mode)
Register Description:
E1 Received Si Bits of the Align Frame Register
Register Address:
066h
Bit #
7
6
5
4
3
2
1
0
Name
SiF14
SiF12
SiF10
SiF8
SiF6
SiF4
SiF2
SiF0
Default
0
0
0
0
0
0
0
0
Note: This register has an alternate definition for T1 mode. See T1RSLC3.
Bit 7: Si Bit of Frame 14 (SiF14).
Bit 6: Si Bit of Frame 12 (SiF12).
Bit 5: Si Bit of Frame 10 (SiF10).
Bit 4: Si Bit of Frame 8 (SiF8).
Bit 3: Si Bit of Frame 6 (SiF6).
Bit 2: Si Bit of Frame 4 (SiF4).
Bit 1: Si Bit of Frame 2 (SiF2).
Bit 0: Si Bit of Frame 0 (SiF0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com