Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 122 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 122 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products DS26521 Datasheet HTML 123Page - Maxim Integrated Products DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
122 of 258
Register Name:
T1RSLC1, T1RSLC2, T1RSLC3 (T1 Mode)
Register Description:
Receive SLC-96 Data Link Registers 1 to 3
Register Address:
064h, 065h, 066h
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
Name
C8
C7
C6
C5
C4
C3
C2
C1
T1RSLC1
M2
M1
S=0
S=1
S=0
C11
C10
C9
T1RSLC2
S=1
S4
S3
S2
S1
A2
A1
M3
T1RSLC3
Default
0
0
0
0
0
0
0
0
Note: These registers have an alternate definition for E1 mode. See E1RAF, E1RNAF, and E1RSiAF.
Register Name:
E1RAF (E1 Mode)
Register Description:
E1 Receive Align Frame Register
Register Address:
064h
Bit #
7
6
5
4
3
2
1
0
Name
Si
0
0
1
1
0
1
1
Default
0
0
0
0
0
0
0
0
Note: This register has an alternate definition for T1 mode. See T1RSLC1.
Bit 7: International Bit (Si).
Bit 6: Frame Alignment Signal Bit (0).
Bit 5: Frame Alignment Signal Bit (0).
Bit 4: Frame Alignment Signal Bit (1).
Bit 3: Frame Alignment Signal Bit (1).
Bit 2: Frame Alignment Signal Bit (0).
Bit 1: Frame Alignment Signal Bit (1).
Bit 0: Frame Alignment Signal Bit (1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com