Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 119 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 119 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products DS26521 Datasheet HTML 123Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
119 of 258
Register Name:
RDS0M
Register Description:
Receive DS0 Monitor Register
Register Address:
060h
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receive DS0 Channel Bits (B[1:8]). Receive channel data that has been selected by the Receive
Channel Monitor Select register (RDS0SEL). B8 is the LSB of the DS0 channel (last bit to be received).
Register Name:
E1RFRID (E1 Mode Only)
Register Description:
Receive Firmware Revision ID Register
Register Address:
061h
Bit #
7
6
5
4
3
2
1
0
Name
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Firmware Revision (FR[7:0]). This read-only register reports the current revision of the receive
firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com