Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
UNDER-VOLTAGE RESET AND RESET FUNCTION, RST PIN (CONTINUED)
Reset VOL @ 1.5 mA, VSUP 5.5 to 28 V
VOL
-
300
500
mV
Current limitation, Reset activated, VRESET = 0.9 x VDD
IRESET LOW
2.5
7.0
10
mA
Pull-up resistor (to VDD pin)
RPULL-UP
8.0
11
15
k
Ω
VSUP to guaranteed reset low level(19)
VSUP-RSTL
2.5
-
-
V
Reset input threshold
Low threshold, VDD = 5.0 V
High threshold, VDD = 5.0 V
Low threshold, VDD = 3.3 V
High threshold, VDD = 3.3 V
VRST-VTH
1.5
2.5
0.99
1.65
1.9
3.0
1.17
2.0
2.2
3.5
1.32
2.31
V
Reset input hysteresis
VHYST
0.5
1.0
1.5
V
I/O PINS WHEN FUNCTION SELECTED IS OUTPUT
I/O-0 HS switch drop @ I = -12 mA, VSUP = 10.5 V
VI/O-0 HSDRP
-
0.5
1.4
V
I/O-2 and I/O-3 HS switch drop @ I = -20 mA, VSUP = 10.5 V
VI/O-2-3 HSDRP
-
0.5
1.4
V
I/O-1, HS switch drop @ I = -400
μA, VSUP = 10.5 V
VI/O-1 HSDRP
-
0.4
1.4
V
I/O-0, I/O-1 LS switch drop @ I = 400
μA, VSUP = 10.5 V
VI/O-01 LSDRP
-
0.4
1.4
V
Leakage current, I/O-x
≤ VSUP
II/O_LEAK
-
0.1
3.0
μA
I/O PINS WHEN FUNCTION SELECTED IS INPUT
Negative threshold
VI/O_NTH
1.4
2.0
2.9
V
Positive threshold
VI/O_PTH
2.1
3.0
3.8
V
Hysteresis
VI/O_HYST
0.2
1.0
1.4
V
Input current, I/O
≤ VSUP/2
II/O_IN
-5.0
1.0
5.0
μA
I/O-0 and I/O-1 input resistor. I/O-0 (or I/O-1) selected in
register, 2.0 V < VI/O-X <16 V (Guaranteed by design).
RI/O-X
-
100
-
k
Ω
VSENSE INPUT
VSENSE under-voltage threshold (Not active in LP Modes)
Low Threshold
High threshold
Hysteresis
VSENSE_TH
8.1
-
0.1
8.6
-
0.25
9.0
9.1
0.5
V
Input resistor to GND. In all modes except in LP Modes. (Guaranteed by
design).
RVSENSE
-
125
-
k
Ω
Notes
19.
Reset must be kept low
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com