Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33903/4/5
INTERNAL BLOCK DIAGRAMS
INTERNAL BLOCK DIAGRAMS
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
I/O-1
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
VB
Analog Monitoring
VBAUX
5 V Auxiliary
SAFE
Signals Condition & Analog MUX
Input-Output
VSENSE
VE
Regulator
VS2-INT
Oscillator
Regulator
State Machine
Fail Safe
Power Management
VSUP2
VS2-INT
VAUX
VCAUX
MUX-OUT
I/O-0
RXD
TXD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
LIN Term #1
LIN-T1
LIN1
RXD-L1
TXD-L1
LIN 2.1 Interface - #1
VS2-INT
LIN Term #2
LIN-T2
LIN2
RXD-L2
TXD-L2
LIN 2.1 Interface - #2
VS2-INT
Figure 7. 33905D Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com