Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
Analog Integrated Circuit Device Data
70
Freescale Semiconductor
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OF CONTROL BITS AND REGISTER MAPPING
b0
Crank - Select the VSUP/1 threshold to disable VDD, while VSUP1 is falling toward GND
0
VDD disable when VSUP/1 is below typically 4.0 V (parameter VSUP-TH1), and device in Reset Mode
1
VDD kept ON when VSUP/1 is below typically 4.0 V (parameter VSUP_TH1)
Table 17. Initialization LIN and I/O Registers, INIT LIN I/O (note: register can be written only in INIT Mode)
MOSI First Byte [15-8]
[b_15 b_14] 0_0111 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 00 _ 111 P
I/O-1 ovoff
LIN_T2[1]
LIN_T2[0]
LIN_T/1[1]
LIN_T/1[0]
I/O-1 out-en
I/O-0 out-en
Cyc_Inv
Default state
0
0
0
0
0
0
0
Condition for default
POR
Bit
Description
b7
I/O-1 ovoff - Select the deactivation of I/O-1 when VDD or VAUX over-voltage condition is detected
0
Disable I/O-1 turn off.
1
Enable I/O-1 turn off, when VDD or VAUX over-voltage condition is detected.
b6, b5
LIN_T2[1], LIN_T2[0] - Select pin operation as LIN Master pin switch or I/O
00
pin is OFF
01
pin operation as LIN Master pin switch
10
pin operation as I/O: HS switch and Wake-Up input
11
N/A
b4, b3
LIN_T/1[1], LIN_T/1[0] - Select pin operation as LIN Master pin switch or I/O
00
pin is OFF
01
pin operation as LIN Master pin switch
10
pin operation as I/O: HS switch and Wake-Up input
11
N/A
b2
I/O-1 out-en- Select the operation of the I/O-1 as output driver (HS, LS)
0
Disable HS and LS drivers of pin I/O-1. I/O-1 can only be used as input.
1
Enable HS and LS drivers of pin I/O-1. Pin can be used as input and output driver.
b1
I/O-0 out-en - Select the operation of the I/O-0 as output driver (HS, LS)
0
Disable HS and LS drivers of I/O-0 can only be used as input.
1
Enable HS and LS drivers of the I/O-0 pin. Pin can be used as input and output drivers.
b0
Cyc_Inv - Select I/O-0 operation in device LP Mode, when cyclic sense is selected
0
During cyclic sense active time, I/O is set to the same state prior to entering in to LP Mode. During cyclic sense off time, I/O-0 is disable (HS and
LS drivers OFF).
1
During cyclic sense active time, I/O is set to the same state prior to entering in to LP Mode. During cyclic sense off time, the opposite driver of I/
O_0 is actively set. Example: If I/0_0 HS is ON during active time, then I/O_O LS is turned ON at expiration of the active time, for the duration of
the cyclic sense period.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com