Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CAN OUTPUT PINS (CANH, CANL)
Bus pins common mode voltage for full functionality
VCOM
-12
-
12
V
Differential input voltage threshold
VCANH-VCANL
500
-
900
mV
Differential input hysteresis
VDIFF-HYST
50
-
-
mV
Input resistance
RIN
5.0
-
50
k
Ω
Differential input resistance
RIN-DIFF
10
-
100
k
Ω
Input resistance matching
RIN-MATCH
-3.0
0.0
3.0
%
CANH output voltage (45
Ω < RBUS < 65 Ω)
TXD dominant state
TXD recessive state
VCANH
2.75
2.0
3.5
2.5
4.5
3.0
V
CANL output voltage (45
Ω < RBUS < 65 Ω)
TXD dominant state
TXD recessive state
VCANL
0.5
2.0
1.5
2.5
2.25
3.0
V
Differential output voltage (45
Ω < RBUS < 65 Ω)
TXD dominant state
TXD recessive state
VOH-VOL
1.5
-0.5
2.0
0.0
3.0
0.05
V
CAN H output current capability - Dominant state
ICANH
-
-
-30
mA
CAN L output current capability - Dominant state
ICANL
30
-
-
mA
CANL over-current detection - Error reported in register
ICANL-OC
75
120
195
mA
CANH over-current detection - Error reported in register
ICANH-OC
-195
-120
-75
mA
CANH, CANL input resistance to GND, device supplied, CAN in Sleep Mode,
V_CANH, V_CANL from 0 to 5.0 V
RINSLEEP
5.0
-
50
k
Ω
CANL, CANH output voltage in LP VDD OFF and LP VDD ON modes
VCANLP
-0.1
0.0
0.1
V
CANH, CANL input current, VCANH, VCANL = 0 to 5.0 V, device unpowered
(VSUP, VDD, 5V-CAN: open).(21)
ICAN-UN_SUP1
-
3.0
10
µA
CANH, CANL input current, VCANH, VCANL = -2.0 to 7.0 V, device
unpowered (VSUP, VDD, 5V-CAN: open).(21)
ICAN-UN_SUP2
-
-
250
µA
Differential voltage for recessive bit detection in LP Mode(22)
VDIFF-R-LP
-
-
0.4
V
Differential voltage for dominant bit detection in LP Mode(22)
VDIFF-D-LP
1.15
-
-
V
CANH AND CANL DIAGNOSTIC INFORMATION
CANL to GND detection threshold
VLG
1.6
1.75
2.0
V
CANH to GND detection threshold
VHG
1.6
1.75
2.0
V
CANL to VBAT detection threshold, VSUP/1 and VSUP2 > 8.0 V
VLVB
-
VSUP -2.0
-
V
CANH to VBAT detection threshold, VSUP/1 and VSUP2 > 8.0 V
VHVB
-
VSUP -2.0
-
V
CANL to VDD detection threshold
VL5
4.0
VDD -0.43
-
V
CANH to VDD detection threshold
VH5
4.0
VDD -0.43
-
V
Notes
21.
VSUP, VDD, 5V-CAN: shorted to GND, or connected to GND via a 47 k resistor instances are guaranteed by design and device
characterization.
22.
Guaranteed by design and device characterization.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com