Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 90Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
INT
INT request
Description
Report that INT source is an INT request from a SPI command.
Set / Reset condition
Set: INT occurred. Reset: flag read (SPI)
RST high
Description
Report that RST pin is shorted to high voltage.
Set / Reset condition
Set: RST failure detection. Reset: flag read.
DBG resistor
Description
Report that the resistor at DBG pin is different from expected (different from SPI register content).
Set / Reset condition
Set: failure detected. Reset: correct resistor and flag read (SPI).
VDD TEMP PRE-
WARNING
Description
Report that the VDD has reached over-temperature pre-warning threshold.
Set / Reset condition
Set: VDD thermal sensor above threshold. Reset: VDD thermal sensor below threshold and flag read
(SPI)
VDD UV
Description
Reports that VDD pin is lower than the VDDUV threshold.
Set / Reset condition
Set: VDD below threshold for t >100
μs typically. Reset: VDD above threshold and flag read (SPI)
VDD OVER-
VOLTAGE
Description
Reports that VDD pin is higher than the typically VDD + 0.6 V threshold. I/O-1 can be turned OFF if
this function is selected in INIT register.
Set / Reset condition
Set: VDD above threshold for t >100
μs typically. Reset: VDD below threshold and flag read (SPI)
VAUX_OVER-
VOLTAGE
Description
Reports that VAUX pin is higher than the typically VAUX + 0.6 V threshold. I/O-1 can be turned OFF if
this function is selected in INIT register.
Set / Reset condition
Set: VAUX above threshold for t >100 μs typically. Reset: VAUX below threshold and flag read (SPI)
VDD LOW
>100 ms
Description
Reports that VDD pin is lower than the VDDUV threshold for a time longer than 100 ms
Set / Reset condition
Set: VDD below threshold for t >100 ms typically. Reset: VDD above threshold and flag read (SPI)
VDD LOW
Description
Report that VDD is below VDD under-voltage threshold.
Set / Reset condition
Set: VDD below threshold. Reset: fag read (SPI)
VDD (5.0 V or
3.3 V)
Description
0: mean 3.3V VDD version
1: mean 5V VDD version
Set / Reset condition
N/A
Device P/N1
and 0
Description
Describe the device part number:
00: MC33903
01: MC33904
10: MC33905S
11: MC333905D
Set / Reset condition
N/A
Device id 4 to
0
Description
Describe the silicon revision number
10001: silicon revision 3.0
10010: silicon revision 3.1
10011: silicon revision 3.2
Set / Reset condition
N/A
RST low
>100 ms
Description
Report that the RESET pin has detected a low level, longer than 100 ms (Reset permanent low)
Set / Reset condition
Set: after detection of reset low pulse. Reset: Reset pulse terminated and flag read (SPI)
Multiple
Resets
Description
Report that the more than 8 consecutive reset pulses occurred, due to missing or wrong watchdog
refresh.
Set / Reset condition
Set: after detection of multiple reset pulses. Reset: flag read (SPI)
watchdog
refresh failure
Description
Report that a wrong or missing watchdog failure occurred.
Set / Reset condition
Set: failure detected. reset: flag read (SPI)
Table 38. Flag Descriptions
Flag
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com