Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33903/4/5
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL BLOCK OPERATION VERSUS MODE
FUNCTIONAL BLOCK OPERATION VERSUS MODE
Table 6. Device Block Operation for Each State
State
VDD
5 V-CAN
I/O-X
VAUX
CAN
LIN1/2
Power down
OFF
OFF
OFF
OFF
High-impedance
High-impedance
Init Reset
ON
OFF
HS/LS off
Wake-up disable
OFF
OFF:
CAN termination 25 k to GND
Transmitter / receiver /Wake-Up
OFF
OFF:
internal 30k pull-up active.
Transmitter: receiver /
Wake-Up OFF.
LIN term OFF
INIT
ON
OFF (28)
WU disable
(29)(30)(31)
OFF
OFF
OFF
Reset
ON
Keep SPI config
WU disable
(29)(30)(31)
OFF
OFF
OFF
Normal Request
ON
Keep SPI config
WU disable
(29)(30)(31)
OFF
OFF
OFF
Normal
ON
SPI config
SPI config
WU SPI config
SPI config
SPI config
SPI config
LP VDD OFF
OFF
OFF
user defined
WU SPI config
OFF
OFF + Wake-Up en/dis
OFF + Wake-Up en/dis
LP VDD ON
ON(27)
OFF
user defined
WU SPI config
OFF
OFF + Wake-Up en/dis
OFF + Wake-Up en/dis
SAFE output low:
Safe case A
safe case
A:ON
safe case B:
OFF
A: Keep SPI
config, B: OFF
HS/LS off
Wake-Up by
change state
OFF
OFF + Wake-Up enable
OFF + Wake-Up enable
FLASH
ON
SPI config
SPI config
SPI config
SPI config
OFF
Notes
27.
With limited current capability
28.
5 V-CAN is ON in Debug Mode.
29.
I/O-0 and I/O-1, configured as an output high-side switch and ON in Normal Mode will remain ON in RESET, INIT or Normal
Request.
30.
I/O-0, configured as an output low-side switch and ON in Normal mode will turn OFF when entering Reset mode, resume
operation in Normal Mode.
31.
I/O-1, configured as an output low-side switch and ON in Normal mode will remain ON in RESET, INIT or Normal Request.
The 5 V-CAN default is ON when the device is powered-up and set in Debug Mode. It is fully controllable via the SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com