Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Analog Integrated Circuit Device Data
86
Freescale Semiconductor
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
I/O
HS3 short to
GND
Description
Report I/O-3 HS switch short to GND failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
HS2 short to
GND
Description
Report I/O-2 HS switch short to GND failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
SPI parity
error
Description
Report SPI parity error was detected.
Set / Reset condition
Set: failure detected. Reset: flag read (SPI)
CSB low
>2.0 ms
Description
Report SPI CSB was low for a time longer than typically 2.0 ms
Set / Reset condition
Set: failure detected. Reset: flag read (SPI)
VSUP/2-UV
Description
Report that VSUP/2 is below VSUP/2-UV threshold.
Set / Reset condition
Set VSUP/2 below VSUP/2-UV thresh. Reset VSUP/2 > VSUPUV thresh and flag read (SPI)
VSUP/1-OV
Description
Report that VSUP/1 is above VSUP/1-OV threshold.
Set / Reset condition
Set VSUP/1 above VSUP/1-OV threshold. Reset VSUP/1 < VSUPOV thresh and flag read (SPI)
I/O-0 thermal
Description
Report that the I/O-0 HS switch has reach over-temperature threshold.
Set / Reset condition
Set: I/O-0 HS switch thermal sensor above threshold. Reset: thermal sensor below threshold and flag
read (SPI)
watchdog
flash mode
50%
Description
Report that the watchdog period has reach 50% of its value, while device is in Flash Mode.
Set / Reset condition
Set: watchdog period > 50%. Reset: flag read
I/O-1-3 Wake-
Up
Description
Report that Wake-Up source is I/O-1 or I/O-3
Set / Reset condition
Set: after I/O-1 or I/O-3 wake detected. Reset: Flag read (SPI)
I/O-0-2 Wake-
Up
Description
Report that Wake-Up source is I/O-0 or I/O-2
Set / Reset condition
Set: after I/O-0 or I/O-2 wake detected. Reset: Flag read (SPI)
SPI Wake-Up
Description
Report that Wake-Up source is SPI command, in LP VDD ON Mode.
Set / Reset condition
Set: after SPI Wake-Up detected. Reset: Flag read (SPI)
FWU
Description
Report that Wake-Up source is forced Wake-Up
Set / Reset condition
Set: after Forced Wake-Up detected. Reset: Flag read (SPI)
INT service
Timeout
Description
Report that INT timeout error detected.
Set / Reset condition
Set: INT service timeout expired. Reset: flag read.
LP VDD OFF
Description
Report that LP VDD OFF Mode was selected, prior Wake-Up occurred.
Set / Reset condition
Set: LP VDD OFF selected. Reset: Flag read (SPI)
Reset request Description
Report that RST source is an request from a SPI command (go to RST Mode).
Set / Reset condition
Set: After reset occurred due to SPI request. Reset: flag read (SPI)
Hardware
Leave Debug
Description
Report that the device left the Debug Mode due to hardware cause (voltage at DBG pin lower than
typically 8.0 V).
Set / Reset condition
Set: device leave debug mode due to hardware cause. Reset: flag read.
Table 38. Flag Descriptions
Flag
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com