Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
INTERRUPT
INT pulse duration (refer to SPI for selection. Guaranteed by design)
short (25 to 125 °C)
short (-40 °C)
long (25 to 125 °C)
long (-40 °C)
tINT-PULSE
20
20
90
90
25
25
100
100
35
40
130
140
μs
STATE DIGRAM TIMINGS
Delay for SPI Timer A, Timer B or Timer C write command after entering Normal
Mode
(No command should occur within tD_NM.
tD_NM delay definition: from CS rising edge of “Go to Normal Mode (i.e. 0x5A00)”
command to CS falling edge of “Timer write” command)
tD_NM
60
-
-
μs
Tolerance for: watchdog period in all modes, FWU delay, Cyclic sense period
and active time, Cyclic Interrupt period, LP Mode over-current (unless otherwise
noted)(26)
tTIMING-ACC
-10
-
10
%
CAN DYNAMIC CHARACTERISTICS
TXD Dominant State Timeout
tDOUT
300
600
1000
µs
Bus dominant clamping detection
tDOM
300
600
1000
µs
Propagation loop delay TXD to RXD, recessive to dominant (Fast slew rate)
tLRD
60
120
210
ns
Propagation delay TXD to CAN, recessive to dominant
tTRD
-
70
110
ns
Propagation delay CAN to RXD, recessive to dominant
tRRD
-
45
140
ns
Propagation loop delay TXD to RXD, dominant to recessive (Fast slew rate)
tLDR
100
120
200
ns
Propagation delay TXD to CAN, dominant to recessive
tTDR
-
75
150
ns
Propagation delay CAN to RXD, dominant to recessive
tRDR
-
50
140
ns
Loop time TXD to RXD, Medium Slew Rate (Selected by SPI)
Recessive to Dominant
Dominant to Recessive
tLOOP-MSL
-
-
200
200
-
-
ns
Loop time TXD to RXD, Slow Slew Rate (Selected by SPI)
Recessive to Dominant
Dominant to Recessive
tLOOP-SSL
-
-
300
300
-
-
ns
CAN Wake-Up filter time, single dominant pulse detection(23) (See Figure 37)
tCAN-WU1-F
0.5
2.0
5.0
μs
CAN Wake-Up filter time, 3 dominant pulses detection(24)
tCAN-WU3-F
300
-
-
ns
CAN Wake-Up filter time, 3 dominant pulses detection timeout(25) (See
Figure 38)
tCAN-WU3-TO
-
-
120
μs
Notes
23.
No Wake-Up for single pulse shorter than tCAN-WU1 min. Wake-up for single pulse longer than tCAN-WU1 max.
24.
Each pulse should be greater than tCAN-WU3-F min. Guaranteed by design, and device characterization.
25.
The 3 pulses should occur within tCAN-WU3-TO. Guaranteed by design, and device characterization.
26.
Guaranteed by design.
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com