Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33903/4/5
PIN CONNECTIONS
11
8
8
8
8
8
CANL
Output
CAN Low
CAN low output.
12
9
9
9
9
9
GND-CAN
Ground
GND-CAN
Power GND of the embedded CAN
interface
13
10
10
10
10
10
SPLIT
Output
SPLIT Output Output pin for connection to the middle
point of the split CAN termination
14
11
11
N/A
N/A
N/A
VBAUX
Output
VB Auxiliary
Output pin for external path PNP
transistor base
15
12
12
N/A
N/A
N/A
VCAUX
Output
VCOLLECTO
R Auxiliary
Output pin for external path PNP
transistor collector
16
13
13
N/A
N/A
N/A
VAUX
Output
VOUT
Auxiliary
Output pin for the auxiliary voltage.
17
14
14
N/A
11
11
MUX-OUT
Output
Multiplex
Output
Multiplexed output to be connected to an
MCU A/D input. Selection of the analog
parameter available at MUX-OUT is
done via the SPI. A switchable internal
pull-down resistor is integrated for VDD
current sense measurements.
18
15
15
15
12
12
I/O-0
Input/
Output
Input/Output
0
Configurable pin as an input or output,
for connection to external circuitry
(switched or small load). The voltage
level can be read by the SPI and via the
MUX output pin. The input can be used
as a programmable Wake-Up input in LP
Mode. In LP, when used as an output,
the High Side (HS) or Low Side (LS) can
be activated for a cyclic sense function.
19
16
16
16
13
13
DBG
Input
Debug
Input to activate the Debug Mode. In
Debug Mode, no watchdog refresh is
necessary. Outside of Debug Mode,
connection of a resistor between DBG
and GND allows the selection of Safe
Mode functionality.
23
N/A
N/A
N/A
14
N/A
TXD-L2
Input
LIN Transmit
Data 2
LIN bus transmit data input. Includes an
internal pull-up resistor to VDD.
24,31
N/A
N/A
N/A
15, 18
15, 18
GND
Ground
Ground
Ground of the IC.
25
N/A
N/A
N/A
16
N/A
RXD-L2
Output
LIN Receive
Data
LIN bus receive data output.
26
N/A
N/A
N/A
17
N/A
LIN2
Input/
Output
LIN bus
LIN bus input output connected to the
LIN bus.
36
17
N/A
N/A
19
19
33903D/5D LIN-1
33903S/5S LIN
Input/
Output
LIN bus
LIN bus input output connected to the
LIN bus.
37
18
N/A
N/A
20
20
33903D/5D TXD-
L11
33903S/5S TXD-L
Input
LIN Transmit
Data
LIN bus transmit data input. Includes an
internal pull-up resistor to VDD.
38
19
N/A
N/A
21
21
33903D/5D RXD-
L1 33903S/5S
RXD-L
Output
LIN Receive
Data
LIN bus receive data output.
Table 2. 33903/4/5 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 34.
54 Pin
33905D
32 Pin
33905S
32 Pin
33904
32 Pin
33903
32 Pin
33903D
32 Pin
33903S
Pin Name
Pin
Function
Formal
Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com