Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
65
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OPERATION
Examples 2:
MOSI [bit 15-0] = 01 00 011 P 0100 0000, P should be 1,
because the command contains 4 bits with logic 1.
Thus the Exact command will then be:
MOSI [bit 15-0] = 01 00 011 1 0100 0000
Parity Function Selection
All SPI commands and examples do not use parity
functions.
The parity function is optional. It is selected by bit 6 in INIT
MISC register.
If parity function is not selected (bit 6 of INIT MISC = 0),
then Parity bits in all SPI commands (bit 8) must be “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com