Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Nominal DC Voltage Range(9)
VSUP1/VSUP2
5.5
-
28
V
Extended DC Low Voltage Range(10)
VSUP1/VSUP2
4.0
-
5.5
V
Under-voltage Detector Thresholds, at the VSUP/1 pin,
Low threshold (VSUP/1 ramp down)
High threshold (VSUP/1 ramp up)
Hysteresis
Note: function not active in LP Modes
VS1_LOW
5.5
-
0.22
6.0
-
0.35
6.5
6.6
0.5
V
Under-voltage Detector Thresholds, at the VSUP2 pin:
Low threshold (VSUP2 ramp down)
High threshold (VSUP2 ramp up)
Hysteresis
Note: function not active in LP Modes
VS2_LOW
5.5
-
0.22
6.0
-
0.35
6.5
6.6
0.5
V
VSUP Over-voltage Detector Thresholds, at the VSUP/1 pin:
Not active in LP Modes
VS_HIGH
16.5
17
18.5
V
Battery loss detection threshold, at the VSUP/1 pin.
BATFAIL
2.0
2.8
4.0
V
VSUP/1 to turn VDD ON, VSUP/1 rising
VSUP-TH1
-
4.1
4.5
V
VSUP/1 to turn VDD ON, hysteresis (Guaranteed by design)
VSUP-TH1HYST
150
180
mV
Supply current(11), (12)
- from VSUP/1
- from VSUP2, (5V-CAN VAUX, I/O OFF)
ISUP1
-
-
2.0
0.05
4.0
0.85
mA
Supply current, ISUP1 + ISUP2, Normal Mode, VDD ON
- 5 V-CAN OFF, VAUX OFF
- 5 V-CAN ON, CAN interface in Sleep Mode, VAUX OFF
- 5 V-CAN OFF, Vaux ON
- 5 V-CAN ON, CAN interface in TXD/RXD Mode, VAUX OFF, I/O-x disabled
ISUP1+2
-
-
-
-
2.8
-
-
-
4.5
5.0
5.5
8.0
mA
LP Mode VDD OFF. Wake-up from CAN, I/O-x inputs
VSUP ≤ 18 V, -40 to 25 °C
VSUP ≤ 18 V, 125 °C
ILPM_OFF
-
-
15
-
35
50
μA
LP Mode VDD ON (5.0 V) with VDD under-voltage and VDD
over-current monitoring, Wake-Up from CAN, I/O-x inputs
VSUP ≤ 18 V, -40 to 25 °C, IDD = 1.0 μA
VSUP ≤ 18 V, -40 to 25 °C, IDD = 100 μA
VSUP ≤ 18 V, 125 °C, IDD = 100 μA
ILPM_ON
-
-
20
40
-
-
65
85
μA
LP Mode, additional current for oscillator (used for: cyclic sense, forced Wake-
Up, and in LP VDD ON Mode cyclic interruption and watchdog)
VSUP ≤ 18 V, -40 to 125 °C
IOSC
-
5.0
9.0
μA
Notes
9.
All parameters in spec (ex: VDD regulator tolerance).
10.
Device functional, some parameters could be out of spec. VDD is active, device is not in Reset Mode if the lowest VDD under-voltage
reset threshold is selected (approx. 3.4 V). CAN and I/Os are not operational.
11.
In Run Mode, CAN interface in Sleep Mode, 5 V-CAN and VAUX turned OFF. IOUT at VDD < 50 mA. Ballast: turned OFF or not connected.
12.
VSUP1 and VSUP2 supplies are internally connected on part number MC33903BDEK and MC33903BSEK. Therefore, ISUP1 and ISUP2
cannot be measured individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com