Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VDD VOLTAGE REGULATOR, VDD PIN
Output Voltage
VDD = 5.0 V, VSUP 5.5 to 28 V, IOUT 0 to 150 mA
VDD = 3.3 V, VSUP 5.5 to 28 V, IOUT 0 to 150 mA
VOUT-5.0
VOUT-3.3
4.9
3.234
5.0
3.3
5.1
3.366
V
Drop voltage without external PNP pass transistor(13)
VDD = 5.0 V, IOUT = 100 mA
VDD = 5.0 V, IOUT = 150 mA
VDROP
-
-
330
-
450
500
mV
Drop voltage with external transistor(13)
IOUT = 200 mA (I_BALLAST + I_INTERNAL)
VDROP-B
-
350
500
mV
VSUP/1 to maintain VDD within VOUT-3.3 specified voltage range
VDD = 3.3 V, IOUT = 150 mA
VDD = 3.3 V, IOUT = 200 mA, external transistor implemented
VSUP1-3.3
4.0
4.0
-
-
-
-
V
External ballast versus internal current ratio (I_BALLAST = K x Internal current)
K
1.5
2.0
2.5
Output Current limitation, without external transistor
ILIM
150
350
550
mA
Temperature pre-warning (Guaranteed by design)
TPW
-
140
-
°C
Thermal shutdown (Guaranteed by design)
TSD
160
-
-
°C
Range of decoupling capacitor (Guaranteed by design)(14)
CEXT
4.7
-
100
μF
LP Mode VDD ON, IOUT ≤ 50 mA (time limited)
VDD = 5.0 V, 5.6 V ≤ VSUP ≤ 28 V
VDD = 3.3 V, 5.6 V ≤ VSUP ≤ 28 V
VDDLP
4.75
3.135
5.0
3.3
5.25
3.465
V
LP Mode VDD ON, dynamic output current capability (Limited duration. Ref. to
device description).
LP-IOUTDC
-
-
50
mA
LP VDD ON Mode:
Over-current Wake-Up threshold.
Hysteresis
LP-ITH
1.0
0.1
3.0
1.0
-
-
mA
LP Mode VDD ON, drop voltage, at IOUT = 30 mA (Limited duration. Ref. to
device description) (13)
LP-VDROP
-
200
400
mV
LP Mode VDD ON, min VSUP operation (Below this value, a VDD, under-voltage
reset may occur)
LP-MINVS
5.5
-
-
V
VDD when VSUP < VSUP-TH1, at I_VDD ≤ 10 μA (Guaranteed by design)
VDD_OFF
-
-
0.3
V
VDD when VSUP ≥ VSUP-TH1, at I_VDD ≤ 40 mA (Guaranteed with parameter
VSUP-TH1
VDD_START UP
3.0
-
-
V
Notes
13.
For 3.3 V VDD devices, the drop-out voltage test condition leads to a VSUP below the min VSUP threshold (4.0 V). As a result, the dropout
voltage parameter cannot be specified.
14.
The regulator is stable without an external capacitor. Usage of an external capacitor is recommended for AC performance.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com