Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33903/4/5
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
INT has an internal pull-up structure to VDD. In LP VDD ON
Mode, a diode is inserted in series with the pull-up, so the
high level is slightly lower than in other modes.
CANH, CANL, SPLIT, RXD, TXD
These are the pins of the high speed CAN physical
interface, between the CAN bus and the micro controller. A
detail description is provided in the document.
LIN, LIN-T, TXDL AND RXDL
These are the pins of the LIN physical interface. Device
contains zero, one or two LIN interfaces.
The MC33903 and MC33904 do not have a LIN interface.
However, the MC33903S/5S (S = Single) and MC33903D/5D
(D=Dual) contain 1 and 2 LIN interfaces, respectively.
LIN, LIN1 and LIN2 pins are the connection to the LIN sub
buses.
LIN interfaces are connected to the MCU via the TXD,
TXD-L1 and TXD-L2 and RXD, RXD-L1 and RXD-L2 pins.
The device also includes one or two HS switches to VSUP/
2 pin which can be used as a LIN master termination switch.
Pins LINT, LINT-1 and LINT-2 pins are the same as
I/O-2 and I/O-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com