Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
C
Wake-up from LP VDD OFF Mode
VDD-UV (4.5 V typically)
RESET
NORMAL
REQUEST
NORMAL
CAN bus
Based on reg configuration
Based on reg configuration
CAN Wake-Up
I/O-x toggle
pattern
Wake-up detected
Start
FWU timer
duration (50-8192 ms)
.
SPI selectable
FWU timer
LP VDD_OFF
VSUP
VDD
RST
INT
SPI
MODE
5V-CAN
VAUX
D
NORMAL
REQUEST
NORMAL
LP VDD ON
Based on reg configuration
Based on reg configuration
CAN bus
CAN Wake-Up
I/O-x toggle
pattern
IDD current
IDD-OC (3.0 mA typically)
IDD OC deglitcher or timer (100 us typically, 3 -32 ms)
Wake-up detected
Start
FWU timer
duration (50-8192 ms)
Stop
SPI selectable
FWU timer
SPI
Wake-up from LP VDD ON Mode
VSUP
VDD
RST
INT
SPI
MODE
5V-CAN
VAUX
LIN Bus
LIN Wake-Up filter
LIN Bus
LIN Wake-Up filter
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33903/4/5
FUNCTIONAL DEVICE OPERATION
ILLUSTRATION OF DEVICE MODE TRANSITIONS.
Figure 27. Wake-up from LP Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com