Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Table 14. Internal Memory Registers A, B, C and D, RAM_A, RAM_B, RAM_C and RAM_D
MOSI First Byte [15-8]
[b_15 b_14] 0_0xxx [P/N]
MOSI Second Byte, bits 7-0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01 00 _ 001 P
Ram a7
Ram a6
Ram a5
Ram a4
Ram a3
Ram a2
Ram a1
Ram a0
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
01 00 _ 010 P
Ram b7
Ram b6
Ram b5
Ram b4
Ram b3
Ram b2
Ram b1
Ram b0
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
01 00 _ 011 P
Ram c7
Ram c6
Ram c5
Ram c4
Ram c3
Ram c2
Ram c1
Ram c0
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
01 00 _ 100 P
Ram d7
Ram d6
Ram d5
Ram d4
Ram d3
Ram d2
Ram d1
Ram d0
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
Analog Integrated Circuit Device Data
Freescale Semiconductor
67
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OF CONTROL BITS AND REGISTER MAPPING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com