Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33903/4/5
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The MC33903_4_5 is the second generation of System
Basis Chip, combining:
- Advanced power management unit for the MCU, the
integrated CAN interface and for the additional ICs such as
sensors, CAN transceiver.
- Built in enhanced high speed CAN interface (ISO11898-
2 and -5), with local and bus failure diagnostic, protection and
fail-safe operation mode.
- Built in LIN interface, compliant to LIN 2.1 and J2602-2
specification, with local and bus failure diagnostic and
protection.
- Innovative hardware configurable fail-safe state machine
solution.
- Multiple LP Modes, with low current consumption.
- Family concept with pin compatibility; with and without
LIN interface devices.
FUNCTIONAL PIN DESCRIPTION
POWER SUPPLY (VSUP/1 AND VSUP2)
Note: VSUP1 and VSUP2 supplies are internally
connected on part number MC33903BDEK and
MC33903BSEK.
VSUP1 is the input pin for the internal supply and the VDD
regulator. VSUP2 is the input pin for the 5 V-CAN regulator,
LIN’s interfaces and I/O functions. The VSUP block includes
over and under-voltage detections which can generate
interrupt. The device includes a loss of battery detector
connected to VSUP/1.
Loss of battery is reported through a bit (called BATFAIL).
This generates a POR (Power On Reset).
VDD VOLTAGE REGULATOR (VDD)
The regulator has two main modes of operation (Normal
Mode and LP Mode). It can operate with or without an
external PNP transistor.
In Normal Mode, without external PNP, the max DC
capability is 150 mA. Current limitation, temperature pre-
warning flag and over-temperature shutdown features are
included. When VDD is turned ON, rise time from 0 to 5.0 V is
controlled. Output voltage is 5.0 V. A 3.3 V option is available
via dedicated part number.
If current higher than 150 mA is required, an external PNP
transistor must be connected to VE (PNP emitter) and VB
(PNP base) pins, in order to increase total current capability
and share the power dissipation between internal VDD
transistor and the external transistor. See External Transistor
Q1 (VE and VB). The PNP can be used even if current is less
than 150 mA, depending upon ambient temperature,
maximum supply and thermal resistance. Typically, above
100-200 mA, an external ballast transistor is recommended.
VDD REGULATOR IN LP MODE
When the device is set in LP VDD ON Mode, the VDD
regulator is able to supply the MCU with a DC current below
typically 1.5 mA (LP-ITH). Transient current can also be
supplied up to a tenth of a mA. Current in excess of 1.5 mA
is detected, and this event is managed by the device logic
(Wake-Up detection, timer start for over-current duration
monitoring or watchdog refresh).
EXTERNAL TRANSISTOR Q1 (VE AND VB)
The device has a dedicated circuit to allow usage of an
external “P” type transistor, with the objective to share the
power dissipation between the internal transistor of the VDD
regulator and the external transistor. The recommended
bipolar PNP transistor is MJD42C or BCP52-16.
When the external PNP is connected, the current is shared
between the internal path transistor and the external PNP,
with the following typical ratio: 1/3 in the internal transistor
and 2/3 in the external PNP. The PNP activation and control
is done by SPI.
The device is able to operate without an external
transistor. In this case, the VE and VB pins must remain
open.
5 V-CAN VOLTAGE REGULATOR FOR CAN AND
ANALOG MUX
This regulator is supplied from the VSUP/2 pin. A capacitor
is required at 5 V-CAN pin. Analog MUX and part of the LIN
interfaces are supplied from 5 V-CAN. Consequently, the
5 V-CAN must be ON in order to have Analog MUX operating
and to have the LIN interface operating in TXD/RXD Mode.
The 5 V-CAN regulator is OFF by default and must be
turned ON by SPI. In Debug Mode, the 5 V-CAN is ON by
default.
V AUXILIARY OUTPUT, 5.0 AND 3.3 V
SELECTABLE (VB-AUX, VC-AUX, AND VCAUX) -
Q2
The VAUX block is used to provide an auxiliary voltage
output, 5.0 or 3.3 V, selectable by the SPI. It uses an external
PNP pass transistor for flexibility and power dissipation
constraints. The external recommended bipolar transistors
are MJD42C or BCP52-16.
An over-current and under-voltage detectors are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com