Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
33903/4/5
FUNCTIONAL DEVICE OPERATION
CYCLIC INT OPERATION DURING LP VDD ON MODE
CYCLIC INT OPERATION DURING LP VDD ON MODE
Principle
This function can be used only in LP VDD ON Mode (LP
VDD ON).
When Cyclic INT is selected and device is in LP VDD ON
Mode, the device will generate a periodic INT pulse.
Upon reception of the INT pulse, the MCU must
acknowledge the INT by sending SPI commands before the
end of the next INT period in order to keep the process going.
When Cyclic INT is selected and operating, the device
remains in LP VDD ON Mode, assuming the SPI commands
are issued properly. When no/improper SPI commands are
sent, the device will cease Cyclic INT operation and leave LP
VDD ON Mode by issuing a reset. The device will then enter
into Normal Request Mode.
VDD current capability and VDD regulator behavior is
similar as in LP VDD ON Mode.
Operation
Cyclic INT period selection: register timer B
SPI command in hex 0x56xx [example; 0x560E for 512ms
cyclic Interrupt period (SPI command without parity bit)].
This command must be send while the device is in Normal
Mode.
SPI commands to acknowledge INT: (2 commands)
- read the Random code via the watchdog register address
using the following command: MOSI 0x1B00 device report on
MISO second byte the RNDM code (MISO bit 0-7).
- write watchdog refresh command using the random code
inverted: 0x5A RNDb.
These commands can occur at any time within the period.
Initial entry in LP Mode with Cyclic INT: after the device is
set in LP VDD ON Mode, with cyclic INT enable, no SPI
command is necessary until the first INT pulse occurs. The
acknowledge process must start only after the 1st INT pulse.
Leave LP Mode with Cyclic INT:
This is done by a SPI Wake-Up command, similar to SPI
Wake-Up from LP VDD ON Mode: 0x5C10. The device will
enter into Normal Request Mode.
Improper SPI command while Cyclic INT operates:
When no/improper SPI commands are sent, while the
device is in LP VDD ON Mode with Cyclic INT enable, the
device will cease Cyclic INT operation and leave LP VDD ON
Mode by issuing a reset. The device will then enter into
Normal Request Mode.
The figure below (Figure 29) describes the complete
Cyclic Interrupt operation.
NORMAL MODE
INT
SPI
Timer B
LP VDD
Cyclic INT period
Cyclic INT period
LP VDD ON MODE
ON Mode
Read RNDM code
Write RNDM code inv.
1st period
2nd period
NORMAL
MODE
Cyclic INT period
Cyclic INT period
3rd period
SPI Wake-Up: 0x5C10
Write Timer B, select Cyclic INT period (ex: 512 ms, 0x560E)
Write Device Mode: LP VDD ON with Cyclic INT enable (example: 0x5C90)
Cyclic INT period
Legend for SPI commands
INT
SPI
RST
RESET and
REQUEST
Prepare LP VDD ON
In LP VDD ON with Cyclic INT
Leave LP
Improper or no
with Cyclic INT
VDD ON Mode
LP VDD ON MODE
Leave LP VDD ON and Cyclic INT due to improper operation
REQUEST
acknowledge SPI command
NORMAL
MODE
Figure 29. Cyclic Interrupt Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com