Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INTERRUPT
Output low voltage, IOUT = 1.5 mA
VOL
-
0.2
1.0
V
Pull-up resistor
RPU
6.5
10
14
k
Ω
Output high level in LP VDD ON Mode (Guaranteed by design)
VOH-LPVDDON
3.9
4.3
V
Leakage current INT voltage = 10 V (to allow high-voltage on MCU INT pin)
VMAX
-
35
100
μA
Sink current, VINT > 5.0 V, INT low state
I SINK
2.5
6.0
10
mA
MISO, MOSI, SCLK, CS PINS
Output low voltage, IOUT = 1.5 mA (MISO)
VOL
-
-
1.0
V
Output high voltage, IOUT = -0.25 mA (MISO)
VOH
VDD -0.9
-
V
Input low voltage (MOSI, SCLK,CS)
VIL
-
-
0.3 x VDD
V
Input high voltage (MOSI, SCLK,CS)
VIH
0.7 x VDD
-
-
V
Tri-state leakage current (MISO)
IHZ
-2.0
-
2.0
μA
Pull-up current (CS)
IPU
200
370
500
μA
CAN LOGIC INPUT PINS (TXD)
High Level Input Voltage
VIH
0.7 x VDD
-
VDD + 0.3
V
Low Level Input Voltage
VIL
-0.3
-
0.3 x VDD
V
Pull-up Current, TXD, VIN = 0 V
VDD =5.0 V
VDD =3.3 V
IPDWN
-850
-500
-650
-250
-200
-175
µA
CAN DATA OUTPUT PINS (RXD)
Low Level Output Voltage
IRXD = 5.0 mA
VOUTLOW
0.0
-
0.3 x VDD
V
High Level Output Voltage
IRX = -3.0 mA
VOUTHIGH
0.7 x VDD
-
VDD
V
High Level Output Current
VRXD = VDD - 0.4 V
IOUTHIGH
2.5
5.0
9.0
mA
Low Level Input Current
VRXD = 0.4 V
IOUTLOW
2.5
5.0
9.0
mA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com