Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
33903/4/5
FUNCTIONAL DEVICE OPERATION
CYCLIC SENSE OPERATION DURING LP MODES
CYCLIC SENSE OPERATION DURING LP MODES
This function can be used in both LP Modes: VDD OFF and
VDD ON.
Cyclic sense is the periodic activation of I/O-0 to allow
biasing of external contact switches. The contact switch state
can be detected via I/O-1, -2, and -3, and the device can
Wake-Up from either LP Mode.
Cyclic sense is optimized and designed primarily for
closed contact switch in order to minimize consumption via
the contact pull-up resistor.
Principle
A dedicated timer provides an opportunity to select a cyclic
sense period from 3.0 to 512 ms (selection in timer B).
At the end of the period, the I/O-0 will be activated for a
duration of T_CSON (SPI selectable in INIT register, to 200 μs,
400
μs, 800 μs, or 1.6 ms). The I/O-0 HS transistor or LS
transistor can be activated. The selection is done by the state
of I/O-0 prior to entering in LP Mode.
During the T-CSON duration, the I/O-x’s are monitored. If
one of them is high, the device will detect a Wake-Up.
(Figure 28).
Cyclic sense period is selected by the SPI configuration
prior to entering LP Mode. Upon entering LP Mode, the I/O-0
should be activated.
The level of I/O-1 is sense during the I/O-0 active time, and
is deglitched for a duration of typically 30
μs. This means that
I/O-1 should be in the expected state for a duration longer
than the deglitch time.
The diagram below (Figure 28) illustrates the cyclic sense
operation, with I/O-0 HS active and I/O-1 Wake-Up at high
level.
I/O-0
I/O-1
NORMAL MODE
LP MODE
I/O-0 HS active in Normal Mode
I/O-0 HS active during cyclic sense active time
Cyclic sense period
Cyclic sense active time
RESET or NORMAL REQUEST MODE
Wake-up detected.
state of I/O-1 low => no Wake-Up
Cyclic sense active
I/O-1 deglitcher time
I/O-1 high => Wake-Up
I/O-0
I/O-1
Zoom
time (ex 200 us)
Wake-up event detected
I/O-0
I/O-1
S1 closed
S1 open
S1
(typically 30 us)
S1
R
I/O-2
R
S2
R
S3
I/O-3
I/O-0
I/O-1
S1
R
I/O-2
R
S2
R
S3
I/O-3
Upon entering in LP Mode, all 3
contact switches are closed.
In LP Mode, 1 contact switch is open.
High level is detected on I/O-x, and device wakes up.
Figure 28. Cyclic Sense Operation - Switch to GND, Wake-up by Open Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com