Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OPERATION
COMPLETE SPI OPERATION
Table 12 is a compiled view of all the SPI capabilities and
options. Both MOSI and MISO information are described.
Table 12. SPI Capabilities with Options
Type of Command
MOSI/
MISO
Control bits
[15-14]
Address
[13-9]
Parity/Next
bits [8]
Bit 7
Bits [6-0]
Read back of “device control bits” (MOSI bit 7 = 0)
OR
Read specific device information (MOSI bit 7 = 1)
MOSI
00
address
1
0
000 0000
MISO
Device Fixed Status (8 bits)
Register control bits content
MOSI
00
address
1
1
000 0000
MISO
Device Fixed Status (8 bits)
Device ID and I/Os state
Write device control bit to address selected by bits
(13-9).
MISO return 16 bits device status
MOSI
01
address
(note)
Control bits
MISO
Device Fixed Status (8 bits)
Device Extended Status (8 bits)
Reserved
MOSI
10
Reserved
MISO
Reserved
Read device flags and Wake-Up flags, from
register address (bit 13-9), and sub address (bit 7).
MISO return fixed device status (bit 15-8) + flags
from the selected address and sub-address.
MISO
11
address
Reserved
0
Read of device flags form a register address,
and sub address LOW (bit 7)
MOSI
Device Fixed Status (8 bits)
Flags
MISO
11
address
1
1
Read of device flags form a register address,
and sub address HIGH (bit 7)
MOSI
Device Fixed Status (8 bits)
Flags
Note: P = 0 if parity bit is not selected or parity = 0. P = 1 if parity
is selected and parity = 1.
PARITY BIT 8
Calculation
The parity is used for the write-to-register command (bit
15,14 = 01). It is calculated based on the number of logic one
contained in bits 15-9,7-0 sequence (this is the entire 16 bits
of the write command except bit 8).
Bit 8 must be set to 0 if the number of 1 is odd.
Bit 8 must be set to 1if the number of 1 is even.
Examples 1:
MOSI [bit 15-0] = 01 00 011 P 01101001, P should be 0,
because the command contains 7 bits with logic 1.
Thus the Exact command will then be:
MOSI [bit 15-0] = 01 00 011 0 01101001
0_1010
Timer_A: watchdog & LP MCU consumption
TIM_A
1) Write “timing values” to register address.
2) Read back register “timing values”
0_1011
Timer_B: Cyclic Sense & Cyclic Interrupt
TIM_B
0_1100
Timer_C: watchdog LP & Forced Wake-up
TIM_C
0_1101
Watchdog Refresh
watchdog
Watchdog Refresh Commands
0_1110
Mode register
MODE
1) Write to register to select LP Mode, with optional “Inverted Random
code” and select Wake-Up functionality
2) Read operations:
Read back device “Current Mode”
Read “Random Code”,
Leave “Debug Mode”
0_1111
Regulator Control
REG
1) Write “device control bits” to register address, to select device
operation.
2) Read back register “control bits”.
3) Read device flags from each of the register addresses.
1_0000
CAN interface control
CAN
1_0001
Input Output control
I/O
1_0010
Interrupt Control
Interrupt
1_0011
LIN1 interface control
LIN1
1_0100
LIN2 interface control
LIN2
Table 11. Device Registers with Corresponding Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com