Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
CANL
CANH
Internal Wake-Up signal
Dominant
CAN
Pulse # 1
Dominant
Pulse # 2
tCAN WU1-F
Can Wake-Up detected
bus
Internal differential Wake-Up receiver signal
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
33903/4/5
CAN INTERFACE
CAN INTERFACE DESCRIPTION
Figure 37. Single Dominant Pulse Wake-up
Pattern Wake-up
In order to Wake-Up the CAN interface, the Wake-Up
receiver must receive a series of three consecutive valid
dominant pulses, by default when the CANWU bit is low.
CANWU bit can be set high by SPI and the Wake-Up will
occur after a single pulse duration of 2.0
μs (typically).
A valid dominant pulse should be longer than 500 ns. The
three pulses should occur in a time frame of 120
μs, to be
considered valid. When three pulses meet these conditions,
the wake signal is detected. This is illustrated by the following
figure.
CANL
CANH
Internal Wake-Up signal
Dominant
Internal differential Wake-Up receiver signal
CAN
Pulse # 1
Dominant
Pulse # 2
Dominant
Pulse # 3
Dominant
Pulse # 4
tCAN WU3-F
tCAN WU3-F
tCAN WU3-F
tCAN WU3-TO
Dominant Pulse # n: duration 1 or multiple dominant bits
Can Wake-Up detected
bus
.
Figure 38. Pattern Wake-up - Multiple Dominant Detection
BUS TERMINATION
The device supports the two main types of bus
terminations:
• Differential termination resistors between CANH and
CANL lines.
• SPLIT termination concept, with the mid point of the
differential termination connected to GND through a
capacitor and to the SPLIT pin.
• In application, the device can also be used without
termination.
• Figure 39 illustrates some of the most common
terminations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com