Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 90Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 91Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 92Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 93Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 94Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 95Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
CS
SCLK
MOSI
INT
5V-CAN
MISO
RXD
TXD
GND
RST
VDD
VSUP2
I/O-1
CANL
CANH
DBG
SPLIT
I/O-0
VE
VB
MCU
VBAT
Q1*
D1
Safe Circuitry
VBAT
CAN BUS
VBAUX
VAUX
SAFE
MUX
A/D
SPI
CAN
VSENSE
VSUP1
Q2
VCAUX
VSUP
VSUP
OR
VSUP
VSUP
VDD
INT
RST
RF module
Switch Detection Interface
CAN xcvr
function
eSwitch
Safing Micro Controller
5V (3.3 V)
I/O-3
I/O-2
VSUP
VBAT
1.0 k
22 k
100 nF
100nF
100 nF
22
μF
>4.7
μF
>2.2
μF
4.7 nF
<10 k
4.7 k *
60
60
100 nF
* Optional
22 k
(44)
Notes
44.
Tested per specific OEM EMC requirements for CAN and LIN with additional
capacitor > 10
μF on VSUP1/VSUP2 pins
>1.0
μF
Analog Integrated Circuit Device Data
92
Freescale Semiconductor
33903/4/5
TYPICAL APPLICATIONS
Figure 46. 33904 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com