Electronic Components Datasheet Search
  English  ▼

X  

33903 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Analog Integrated Circuit Device Data
38
Freescale Semiconductor
33903/4/5
FUNCTIONAL DEVICE OPERATION
MODE AND STATE DESCRIPTION
FUNCTIONAL DEVICE OPERATION
MODE AND STATE DESCRIPTION
The device has several operation modes. The transitions
and conditions to enter or leave each mode are illustrated in
the state diagram.
INIT RESET
This mode is automatically entered after the device is
“powered on”. In this mode, the RST pin is asserted low, for
a duration of typically 1.0 ms. Control bits and flags are “set”
to their default reset condition. The BATFAIL is set to indicate
the device is coming from an unpowered condition, and all
previous device configurations are lost and “reset” the default
value. The duration of the INIT reset is typically 1.0 ms.
INIT reset mode is also entered from INIT Mode if the
expected SPI command does not occur in due time (Ref. INIT
Mode), and if the device is not in the debug mode.
INIT
This mode is automatically entered from the INIT Reset
Mode. In this mode, the device must be configured via SPI
within a time of 256 ms max.
Four registers called INIT Wdog, INIT REG, INIT LIN I/O
and INIT MISC must be, and can only be configured during
INIT Mode.
Other registers can be written in this and other modes.
Once the INIT register configuration is done, a SPI
Watchdog Refresh command must be sent in order to set the
device into Normal Mode. If the SPI watchdog refresh does
not occur within the 256 ms period, the device will return into
INIT Reset Mode for typically 1.0 ms, and then re enter into
INIT Mode.
Register read operation is allowed in INIT Mode to collect
device status or to read back the INIT register configuration.
When INIT Mode is left by a SPI watchdog refresh
command, it is only possible to re-enter the INIT Mode using
a secured SPI command. In INIT Mode, the CAN, LIN1, LIN2,
VAUX, I/O_x and Analog MUX functions are not operating.
The 5 V-CAN is also not operating, except if the Debug Mode
is detected.
RESET
In this mode, the RST pin is asserted low. Reset Mode is
entered from Normal Mode, Normal Request Mode, LP VDD
on Mode and from the Flash Mode when the watchdog is not
triggered, or if a VDD low condition is detected.
The duration of reset is typically 1.0 ms by default. You
can define a longer Reset pulse activation only when the
Reset Mode is entered following a VDD low condition. Reset
pulse is always 1.0 ms, when reset mode is entered due to
wrong watchdog refresh command.
Reset Mode can be entered via the secured SPI
command.
NORMAL REQUEST
This mode is automatically entered after RESET Mode, or
after a Wake-Up from LP VDD ON Mode.
A watchdog refresh SPI command is necessary to
transition to NORMAL Mode. The duration of the Normal
request mode is 256 ms when Normal Request Mode is
entered after RESET Mode. Different durations can be
selected by SPI when normal request is entered from LP VDD
ON Mode.
If the watchdog refresh SPI command does not occur
within the 256 ms (or the shorter user defined time out), then
the device will enter into RESET Mode for a duration of
typically 1.0 ms.
Note: in init reset, init, reset and normal request modes as
well as in LP Modes, the VDD external PNP is disabled.
NORMAL
In this mode, all device functions are available. This mode
is entered by a SPI watchdog refresh command from Normal
Request Mode, or from INIT Mode.
During Normal Mode, the device watchdog function is
operating, and a periodic watchdog refresh must occur.
When an incorrect or missing watchdog refresh command is
initiated, the device will enter into Reset Mode.
While in Normal Mode, the device can be set to LP Modes
(LP VDD ON or LP VDD OFF) using the SPI command.
Dedicated, secured SPI commands must be used to enter
from Normal Mode to Reset Mode, INIT Mode or Flash Mode.
FLASH
In this mode, the software watchdog period is extended up
to typically 32 seconds. This allow programming of the MCU
flash memory while minimizing the software over head to
refresh the watchdog. The flash mode is entered by Secured
SPI command and is left by SPI command. Device will enter
into Reset Mode. When an incorrect or missing watchdog
refresh command device will enter into Reset Mode. An
interrupt can be generated at 50% of the watchdog period.
CAN interface operates in Flash Mode to allow flash via
CAN bus, inside the vehicle.
DEBUG
Debug is a special operation mode of the device which
allows for easy software and hardware debugging. The
debug operation is detected after power up if the DBG pin is
set to 8.0 to 10 V range.
When debug is detected, all the software watchdog
operations are disabled: 256 ms of INIT Mode, watchdog
refresh of Normal Mode and Flash Mode, Normal Request
time out (256 ms or user defined value) are not operating and
will not lead to transition into INIT reset or Reset Mode.
When the device is in Debug Mode, the SPI command can
be sent without any time constraints with respect to the
watchdog operation and the MCU program can be “halted” or
“paused” to verify proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com