Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 142 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 142 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 138Page - Exar Corporation XRT72L13 Datasheet HTML 139Page - Exar Corporation XRT72L13 Datasheet HTML 140Page - Exar Corporation XRT72L13 Datasheet HTML 141Page - Exar Corporation XRT72L13 Datasheet HTML 142Page - Exar Corporation XRT72L13 Datasheet HTML 143Page - Exar Corporation XRT72L13 Datasheet HTML 144Page - Exar Corporation XRT72L13 Datasheet HTML 145Page - Exar Corporation XRT72L13 Datasheet HTML 146Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
130
2.3.2.59 DS2 # 5 Framer Configuration Register
)
Bit 6 - ONE AND ONLY
Bit 5 - DS2 MSYNC - Algo
This “Read/Write” bit-field permits the user to define
the “M-Bit Sync Declaration” Criteria for Receive DS2
Framer - Channel 5.
Setting this bit-field to “0” configures the Receive
DS2 Framer (for Channel 5) to declare “M-SYNC” if it
receives 4 consecutive, correct M-bits.
Setting this bit-field to “1” configures the Receive DS2
Framer (for Channel 5) to declare “M-SYNC” if it re-
ceives 8 consecutive, correct M-bits.
Bit 4 - DS2 FSYNC - Algo
This “Read/Write” bit-field permits the user to define
the “F-Bit Sync Declaration” Criteria for Receive DS2
Framer - Channel 5.
Setting this bit-field to “0” configures the Receive DS2
Framer (for Channel 5) to declare “F-SYNC” if it re-
ceives 8 consecutive, correct F-bits.
Setting this bit-field to “1” configures the Receive DS2
Framer (for Channel 5) to declare “F-SYNC” if it re-
ceives 16 consecutive, correct F-bits.
Bit 3 - DS2 FOOF - Algo
This “Read/Write” bit-field permits the user to define
the “Receive DS2 Out-of-Frame Declaration” criteria,
for DS2 Channel 5.
Setting this bit-field to “1” configures the Receive DS2
Framer (for Channel 5) to declare an “OOF” (Out-of-
Frame) condition when 2 out of the last 5 received F-
bits are errored.
Setting this bit-field to “0” configures the Receive DS2
Framer (for Channel 5) to declare an “OOF” (Out-of-
Frame) condition when 2 out of the last 4 received F-
bits are errored.
Bit 2 - DS2 MOOF Algo
This “Read/Write” bit-field permits the user to define
the “Receive DS2 Out-of-Frame Declaration” criteria,
for DS2 Channel 5.
Setting this bit-field to “1” configures the Receive DS2
Framer (for Channel 5) to declare an “OOF” (Out-of-
Frame) condition when at least one M-bit error is de-
tected within 3 out of the last 4 received DS2 frames.
Setting this bit-field to “0” configures the Receive DS2
Framer (for Channel 5) to declare an “OOF” (Out-of-
Frame) condition when at least one M-bit error is de-
tected within 2 out of the last 4 received DS2 frames.
NOTE: This bit-field is ignored if Bit 1 (within this register is
set to “1”.
Bit 1 - DS2 MOOF Disable
This “Read/Write” bit-field permits the user to config-
ure Receive DS2 Framer # 5 to evaluate M-bits as a
part of the “Receive DS2 Out-of Frame Declaration”
criteria.
Setting this bit-field to “0” configures Receive DS2
Framer # 5 to check for M-bit errors and declare an
OOF condition, per the settings within the “DS2
MOOF Algo” bit-field (Bit 2, within this register).
Setting this bit-field to “1” configures Receive DS2
Framer # 5 to NOT check for M-bits errors, as a part
of the “Receive DS2 Out-of Frame Declaration” crite-
ria.
Bit 0 - DS2 Reframe
This “Read/Write” bit-field permits the user to force
(via software) Receive DS2 Framer # 5 to execute a
“Re-Frame” procedure.
A “0” to “1” transition, within this bit-field will cause
Receive DS2 Framer # 5 to execute a “re-frame” op-
eration.
DS2 # 5 FRAMER CONFIGURATION REGISTER (ADDRESS = 0X3E)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
ONE AND
ONLY
DS2
MSYNC
Algo
DS2
FSYNC
Algo
DS2
FOOF
Algo
DS2
MOOF
Algo
DS2 MOOF
Disable
DS2
Reframe]
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com