Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 146 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 146 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 142Page - Exar Corporation XRT72L13 Datasheet HTML 143Page - Exar Corporation XRT72L13 Datasheet HTML 144Page - Exar Corporation XRT72L13 Datasheet HTML 145Page - Exar Corporation XRT72L13 Datasheet HTML 146Page - Exar Corporation XRT72L13 Datasheet HTML 147Page - Exar Corporation XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
134
ed by the Receive DS3 Framer block (within the chip),
since the last read of these registers. This register
contains the LSB (or Lower-Byte) value of this 16 bit
expression.
2.3.2.66 PMON P-Bit Error Event Count Regis-
ter - MSB
This "Reset-upon-Read" register, along with the
"PMON P-Bit Error Count Register - LSB" (Address =
0x55) contains a 16-bit representation of the number
of "P-bit Errors that have been detected by the Re-
ceive DS3 Framer block (within the chip), since the
last read of these registers. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.2.67 PMON P-Bit Error Event Count Regis-
ter - LSB
This "Reset-upon-Read" register, along with the
"PMON P-Bit Error Count Register - MSB" (Address =
0x54) contains a 16-bit representation of the number
of "P-bit Errors that have been detected by the Re-
ceive DS3 Framer block (within the chip), since the
last read of these registers. This register contains the
LSB (or Lower-Byte) value of this 16 bit expression.
2.3.2.68 PMON FEBE Event Count Register -
MSB
This "Reset-upon-Read" register, along with the
"PMON FEBE Event Count Register - LSB" (Address
= 0x57) contains a 16-bit representation of the num-
ber of "FEBE Events that have been detected by the
Receive DS3 Framer block (within the chip), since the
last read of these registers. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.2.69 PMON FEBE Event Count Register -
LSB
This "Reset-upon-Read" register, along with the
"PMON FEBE Event Count Register - MSB" (Address
= 0x56) contains a 16-bit representation of the num-
ber of "FEBE Events that have been detected by the
Receive DS3 Framer block (within the chip), since the
PMON P-BIT ERROR COUNT REGISTER - MSB (ADDRESS = 0X54)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
P-Bit Error Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON P-BIT ERROR COUNT REGISTER - LSB (ADDRESS = 0X55)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
P-Bit Error Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FEBE EVENT COUNT REGISTER - MSB (ADDRESS = 0X56)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FEBE Event Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FEBE EVENT COUNT REGISTER - LSB (ADDRESS = 0X57)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FEBE Event Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com