Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 148 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 148 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 144Page - Exar Corporation XRT72L13 Datasheet HTML 145Page - Exar Corporation XRT72L13 Datasheet HTML 146Page - Exar Corporation XRT72L13 Datasheet HTML 147Page - Exar Corporation XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation XRT72L13 Datasheet HTML 152Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
136
2.3.2.74 PMON DS2 # 3 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 3
(within the chip), since the last read of this register.
2.3.2.75 PMON DS2 # 4 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 4
(within the chip), since the last read of this register.
2.3.2.76 PMON DS2 # 5 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 5
(within the chip), since the last read of this register.
2.3.2.77 PMON DS2 # 6 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 6
(within the chip), since the last read of this register.
PMON DS2 # 3 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 3 Framing-Bit Error Count
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON DS2 # 4 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5D)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 4 Framing-Bit Error Count
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON DS2 # 5 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5E)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 5 Framing-Bit Error Count
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON DS2 # 6 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5F)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 6 Framing-Bit Error Count
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com