Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 151 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 151 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 147Page - Exar Corporation XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation XRT72L13 Datasheet HTML 152Page - Exar Corporation XRT72L13 Datasheet HTML 153Page - Exar Corporation XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
139
2.3.2.86 PMON Holding Register
Each of the PMON registers are 16 bit "Reset-upon-
Read" registers. More specifically, whenever the Mi-
croprocessor intends to read a PMON register, there
are two things to bear in mind.
1. This Microprocessor is going to require two read
accesses in order read out the full 16-bit expres-
sion of these PMON registers.
2. The entire 16-bit expression (of a given PMON
register) is going to be reset, immediately after
the Microprocessor has completed its first read
access to the PMON register.
Hence, the contents of the other byte (of the partially
read PMON register) will reside within the PMON
Holding register.
2.3.2.87 One Second Error Status Register
Bit 1 - Errored Second
This “Read-Only” bit-field indicates whether or not
there was at least one error within the last one sec-
ond accumulation period.
If no error has occurred (within the last one second
accumulation period) then this bit-field will be set to
“0”. Conversely, if at least one error has occurred
(within the last one second accumulation period) then
this bit-field will be set to “1”.
Bit 0 - Severely Errored Second
This “Read-Only” bit-field indicates whether or not the
error-rate, in the last one second interval was greater
than 1e-3.
If the bit error rate (within the last one second accu-
mulation period) is less than 1e-3, then this bit-field
will be set to “0”. Conversely, if the bit-error rate
(within the last one second accumulation period) is
greater than 1e-3, then this bit-field will be set to “1”.
2.3.2.88 LCV One Second Accumulator Regis-
ter - MSB
This "Read-Only" register, along with the "LCV - One
Second Accumulator Register - LSB" (Address =
0x6F) contains a 16-bit representation of the number
of "LCV (Line Code Violation) Events that have been
detected by the Receive DS3 Framer block, within the
last one-second sampling period. This register con-
tains the MSB (or Upper-Byte) value of this 16 bit ex-
pression.
PMON HOLDING REGISTER (ADDRESS = 0X6C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
PMON Holding Value
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
ONE SECOND ERROR STATUS REGISTER (ADDRESS = 0X6D)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Errored
Second
Severely
Errored
Second
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
LCV - ONE SECOND ACCUMULATOR REGISTER - MSB (ADDRESS = 0X6E)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
LCV - One Second Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com