Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 153 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 153 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation XRT72L13 Datasheet HTML 152Page - Exar Corporation XRT72L13 Datasheet HTML 153Page - Exar Corporation XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation XRT72L13 Datasheet HTML 156Page - Exar Corporation XRT72L13 Datasheet HTML 157Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
141
2.3.2.93 CP-Bit Error One Second Accumulator
Register - LSB
This “Read-Only” register, along with the “Frame CP-
Bit Error - One Second Accumulator Register - MSB”
(Address = 0x72) contains a 16-bit representation of
the number of “CP Bit Errors” tjhat have been detect-
ed by the Receive DS3 Framer block, within the last
one-second sampling period. This register contains
the LSB (or Lower Byte) value of this 16-bit expres-
sion.
2.3.2.94 Line Interface Drive Register
Bit 5 - REQB - (Receive Equalization Bypass Con-
trol)
This "Read/Write" bit-field allows the user to control
the state of the REQB output pin of the XRT72L13.
This output pin is intended to be connected to the
REQB input pins of the XRT7300 DS3/E3 LIU IC. If
the user forces this signal to toggle "high", then the
Receive Equalizer (within the XRT7300) will be dis-
abled. Conversely, if the user forces this signal to
toggle "low", then the Receive Equalizer (within the
XRT7300) will be enabled.
Writing a "1" to this bit-field causes the Framer device
to toggle the REQB output pin "high". Writing a "0" to
this bit-field causes the Framer device to toggle the
REQB output pin "low".
For information on the criteria that should be used
when deciding whether to bypass the equalization cir-
cuitry or not, please consult the "XRT7300 DS3/E3/
STS-1 LIU IC" data sheet.
NOTE: If the customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then he/she can use this bit-field and the
REQB output pin for other purposes.
Bit 4 - TAOS - (Transmit All Ones Signal)
This "Read/Write" bit-field allows the user to control
the state of the TAOS output pin of the XRT72L13.
This output pin is intended to be connected to the
TAOS input pin of the XRT7300 DS3/E3/STS-1 LIU
IC. If the user forces this signal to toggle "high", then
the XRT7300 LIU device will transmit an "All Ones"
pattern onto the line. Conversely, if the user com-
mands this output signal to toggle "low" then the
XRT7300 LIU IC will proceed to transmit data based
upon the pattern that it receives via the TxPOS and
TxNEG output pins (of the Framer IC).
Writing a "1" to this bit-field will cause the TAOS out-
put pin to toggle "high". Writing a "0" to this bit-field
will cause this output pin to toggle "low".
NOTE: If the customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then he/she can use this bit-field, and the
TAOS output pin for other purposes.
Bit 3 - Encodis - (B3ZS Encoder Disable)
This "Read/Write" bit-field allows the user to control
the state of the Encodis output pin of the XRT72L13
M13 device. This output pin is intended to be con-
nected to the Encodis input pin of the XRT7300 DS3/
E3/STS-1 LIU IC. If the user forces this signal to tog-
gle "high", then the "internal B3ZS/HDB3 encoder"
(within the XRT7300) will be disabled. Conversely, if
the user command this output signal to toggle "low",
then the "internal B3ZS/HDB3 encoder" (within the
XRT7300) will be enabled.
Writing a "1" to this bit-field causes the Framer IC to
toggle the "Encodis" output pin "high". Writing a "0"
to this bit-field will cause the Framer IC to toggle this
output pin "low".
NOTES:
1. The B3ZS/HDB3 encoder, within the XRT7300, is
not to be confused with the B3ZS/HDB3 encoding
capable that exists within the Transmit Section of
the Framer IC.
CP-BIT ERRORS - ONE SECOND ACCUMULATOR REGISTER - LSB (ADDRESS = 0X73)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
LINE INTERFACE DRIVE REGISTER (ADDRESS = 0X80)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
REQB
TAOS
ENCODIS
TxLEV
RLOOP
LLOOP
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com