Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 157 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 157 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 153Page - Exar Corporation XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation XRT72L13 Datasheet HTML 156Page - Exar Corporation XRT72L13 Datasheet HTML 157Page - Exar Corporation XRT72L13 Datasheet HTML 158Page - Exar Corporation XRT72L13 Datasheet HTML 159Page - Exar Corporation XRT72L13 Datasheet HTML 160Page - Exar Corporation XRT72L13 Datasheet HTML 161Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
145
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 7. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 7.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 7 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
7 has transition from the inactive to the active
state.
Bit 5 - Change in Loop-back Request Interrupt
Status, M23 # 6.
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 6.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 6. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 6.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 6 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
6 has transition from the inactive to the active
state.
Bit 4 - Change in Loop-back Request Interrupt
Status, M23 # 5.
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 5.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 5. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 5.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 5 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
5 has transition from the inactive to the active
state.
Bit 3 - Change in Loop-back Request Interrupt
Status, M23 # 4.
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 4.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 4. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 4.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 4 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
4 has transition from the inactive to the active
state.
Bit 2- Change in Loop-back Request Interrupt Sta-
tus, M23 # 3
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 3.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 3. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 3.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 3 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
3 has transition from the inactive to the active
state.
Bit 1 - Change in Loop-back Request Interrupt
Status, M23 # 2
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 2.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 2. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 2.
NOTE: This bit-field will be asserted in response to either of
the following conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com