Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 158 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 158 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation XRT72L13 Datasheet HTML 156Page - Exar Corporation XRT72L13 Datasheet HTML 157Page - Exar Corporation XRT72L13 Datasheet HTML 158Page - Exar Corporation XRT72L13 Datasheet HTML 159Page - Exar Corporation XRT72L13 Datasheet HTML 160Page - Exar Corporation XRT72L13 Datasheet HTML 161Page - Exar Corporation XRT72L13 Datasheet HTML 162Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
146
1. The “Loop-back Request Status” for DS2 Chan-
nel 2 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
2 has transition from the inactive to the active
state.
Bit 0 - Change in Loop-back Request Interrupt
Status, M23 # 1.
This “Reset-upon-Read” bit-field indicates whether or
not there has been a change in the “Loop-back Re-
quest Status” for DS2 Channel # 1.
This bit-field will be set to “0” if there has been no
change in the “Loop-back Request Status” for DS2
Channel # 1. Conversely, this bit-field will set to “1”
anytime there has been a change in the “Loop-back
Request Status” for DS2 Channel # 1.
NOTE: This bit-field will be asserted in response to either of
the following conditions.
1. The “Loop-back Request Status” for DS2 Chan-
nel 1 has transitioned from the active to the inac-
tive state.
2. The Loop-back Request Status” for DS2 Channel
1 has transition from the inactive to the active
state.
2.3.2.98 M23 RxDS2 Loopback Request Status
Register.
Bit 6 - Loop-back Request Status - M23 # 7
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 7.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 7 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 7 is currently inactive.
Bit 5 - Loop-back Request Status - M23 # 6
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 6.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 6 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 6 is currently inactive.
Bit 4 - Loop-back Request Status - M23 # 5
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 5.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 5 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 5 is currently inactive.
Bit 3 - Loop-back Request Status - M23 # 4
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 4.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 4 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 4 is currently inactive.
Bit 2 - Loop-back Request Status - M23 # 3
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 3.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 3 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 3 is currently inactive.
Bit 1 - Loop-back Request Status - M23 # 2
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 2.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 2 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 2 is currently inactive.
Bit 0 - Loop-back Request Status - M23 # 1
This “Read-Only” bit-field reflect the current Loop-
back Request state of M23 # 1.
This bit-field will be set to “1” if the “Loop-back Re-
quest” for M23 # 1 is currently active.
Conversely, this bit-field will be set to “0” if the “Loop-
back Request” for M23 # 1 is currently inactive.
M23 RXDS2 LOOP-BACK REQUEST STATUS - INTERRUPT REGISTER (ADDRESS = 0X92)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Loop-back
Request
Status M23
# 7
Loop-back
Request
Status M23
# 6
Loop-back
Request
Status M23
# 5
Loop-back
Request
Status M23
# 4
Loop-back
Request
Status M23
# 3
Loop-back
Request
Status M23
# 2
Loop-back
Request
Status M23
# 1
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com