Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 154 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 154 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation XRT72L13 Datasheet HTML 152Page - Exar Corporation XRT72L13 Datasheet HTML 153Page - Exar Corporation XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation XRT72L13 Datasheet HTML 156Page - Exar Corporation XRT72L13 Datasheet HTML 157Page - Exar Corporation XRT72L13 Datasheet HTML 158Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
142
2. The user is advised to disabled the B3ZS/HDB3
encoder (within the XRT7300 IC) if the XRT72L13
is configured to operate in the B3ZS/HDB3 line
code.
3. If the customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then he/she can use this bit-field and
the "Encodis" output pin for other purposes.
4. It is permissible to tie the "Encodis" output pin of
the XRT 72L13 DS3 Framer IC to both the "Enco-
dis" and "Decodis" input pins of the XRT7300.
Bit 2 - TxLev - (Transmit Output Line Build-Out
Select Output)
This "Read/Write" bit-field allows the user to control
the state of the "TxLev" output pin of the XRT72L13.
This output pin is intended to be connected to the Tx-
Lev input pin of the XRT7300 DS3/E3/STS-1 LIU IC.
If the user commands this signal to toggle "high", then
the XRT7300 DS3/E3/STS-1 LIU IC will disable the
"Transmit Line Build-Out" circuitry, and will transmit
unshaped (square-wave) pulses onto the line. If the
user commands this signal to toggle "low", then the
XRT7300 DS3/E3 LIU IC will enable the "Transmit
Line Build-Out" circuitry, and will transmit shaped
pulses onto the line.
In order to insure that the transmit output pulses of
the XRT7300 meet the "DSX-3 Isolated Pulse Tem-
plate Requirements (per Bellcore GR-499-CORE),
the user is advised to set this bit-field to "0", if the
length of cable (between the XRT7300 transmit out-
put and the DSX-3 Cross Connect System) is greater
than 225 feet.
Conversely, the user is advised to set this bit-field to
"1", if the length of cable (between the XRT7300
transmit output and the DSX-3 Cross Connect sys-
tem) is less than 225 feet.
Writing a "1" to this bit-field commands the Framer to
toggle the TxLev output "high". Writing a "0" to this
bit-field commands the Framer to toggle this output
signal "low".
Bit 1 - RLOOP - (Remote Loopback)
This "Read/Write" bit-field allows the user to control
the state of the RLOOP output pin of the XRT72L13
M13 device. This output pin is intended to be con-
nected to the "RLOOP" input pin of the XRT7300
DS3/E3 LIU IC.
In the XRT7300 DS3/E3 LIU IC, the state of the
"RLOOP" and the "LLOOP" pins are used to dictate
which loop-back mode the XRT7300 will operate in.
The following table presents the relationship between
the state of these two input pins (or bit-fields) and the
resulting loop-back modes.
Writing a "1" into this bit-field commands the Framer
IC to toggle the "RLOOP" output signal "high". Writ-
ing a "0" into this bit-field commands the Framer IC to
toggle this output signal "low".
For a detailed description of the XRT7300 DS3/E3
LIU's operation, during each of these above-men-
tioned loop-back modes, please consult the
"XRT7300 DS3/E3/STS-1 LIU IC" Data Sheet.
NOTE: If the customer is not using the XRT7300 DS3/E3/
STS-1 LIU IC, then he/she can use this bit-field and the
"RLOOP" output pin for other purposes.
Bit 0 - LLOOP - (Local Loop-back)
This "Read/Write" bit-field allows the user to control
the state of the LLOOP output pin of the XRT72L13
M13 device. This output pin is intended to be con-
nected to the LLOOP input pin of the XRT7300 DS3/
E3 LIU IC.
In the XRT7300 DS3/E3 LIU IC, the state of the
"RLOOP" and the "LLOOP" pins are used to dictate
which loop-back mode the XRT7300 will operate in.
The following table presents the relationship between
the state of these two input pins (or bit-fields) and the
resulting loop-back modes.
RLOOP
LLOOP
RESULTING LOOP-BACK MODE OF THE XRT7300
00
Normal Operation (No Loop-back Mode)
01
Analog Local Loop-back Mode
10
Remote Loop-back Mode
11
Digital Local Loop-back Mode
RLOOP
LLOOP
RESULTING LOOP-BACK MODE OF THE XRT7300
00
Normal Operation (No Loop-back Mode)
01
Analog Local Loop-back Mode
10
Remote Loop-back Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com