Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 152 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 152 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation XRT72L13 Datasheet HTML 152Page - Exar Corporation XRT72L13 Datasheet HTML 153Page - Exar Corporation XRT72L13 Datasheet HTML 154Page - Exar Corporation XRT72L13 Datasheet HTML 155Page - Exar Corporation XRT72L13 Datasheet HTML 156Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
140
2.3.2.89 LCV One Second Accumulator Regis-
ter - LSB
This "Read-Only" register, along with the "LCV - One
Second Accumulator Register - MSB" (Address =
0x6E) contains a 16-bit representation of the number
of "LCV (Line Code Violation) Events that have been
detected by the Receive DS3 Framer block, within the
last one second sampling period. This register con-
tains the LSB (or Lower-Byte) value of this 16 bit ex-
pression.
2.3.2.90 P-Bit Error One Second Accumulator
Register - MSB
This "Read-Only" register, along with the "Frame Par-
ity Errors - One Second Accumulator Register - LSB"
(Address = 0x71) contains a 16-bit representation of
the number of "P-bit” Errors that have been detected
by the Receive DS3 Framer block, within the last one
second sampling period. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.2.91 P-Bit Error One Second Accumulator
Register - LSB
This "Read-Only" register, along with the "Frame Par-
ity Errors - One Second Accumulator Register - MSB"
(Address = 0x70) contains a 16-bit representation of
the number of "P-bit” Errors that have been detected
by the Receive DS3 Framer block, within the last one-
second sampling period. This register contains the
LSB (or Lower-Byte) value of this 16 bit expression.
2.3.2.92 CP-Bit Error One Second Accumulator
Register - MSB
This “Read-Only” register, along with the “Frame CP-
Bit Error - One Second Accumulator Register - LSB”
(Address = 0x73) contains a 16-bit representation of
the number of “CP Bit Errors” tjhat have been detect-
ed by the Receive DS3 Framer block, within the last
one-second sampling period. This register contains
the MSB (or Upper Byte) value of this 16-bit expres-
sion.
LCV - ONE SECOND ACCUMULATOR REGISTER - LSB (ADDRESS = 0X6F)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
LCV - One Second Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
P-BIT ERRORS - ONE SECOND ACCUMULATOR REGISTER - MSB (ADDRESS = 0X70)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Frame Parity Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
P-BIT ERRORS - ONE SECOND ACCUMULATOR REGISTER - LSB (ADDRESS = 0X71)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Frame Parity Error Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
CP-BIT ERRORS - ONE SECOND ACCUMULATOR REGISTER - MSB (ADDRESS = 0X72)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com