Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 147 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 147 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 143Page - Exar Corporation XRT72L13 Datasheet HTML 144Page - Exar Corporation XRT72L13 Datasheet HTML 145Page - Exar Corporation XRT72L13 Datasheet HTML 146Page - Exar Corporation XRT72L13 Datasheet HTML 147Page - Exar Corporation XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation XRT72L13 Datasheet HTML 150Page - Exar Corporation XRT72L13 Datasheet HTML 151Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
135
last read of these registers. This register contains the
LSB (or Lower-Byte) value of this 16 bit expression.
2.3.2.70 PMON CP-Bit Error Event Count Regis-
ter - MSB
This "Reset-upon-Read" register, along with the
"PMON CP-Bit Error Count Register - LSB" (Address
= 0x59) contains a 16-bit representation of the num-
ber of "CP-bit Errors that have been detected by the
Receive DS3 Framer block (within the chip), since the
last read of these registers. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.2.71 PMON CP-Bit Error Event Count Regis-
ter - LSB
This "Reset-upon-Read" register, along with the
"PMON CP-Bit Error Count Register - MSB" (Address
= 0x58) contains a 16-bit representation of the num-
ber of "CP-bit Errors that have been detected by the
Receive DS3 Framer block (within the chip), since the
last read of these registers. This register contains the
MSB (or Upper-Byte) value of this 16 bit expression.
2.3.2.72 PMON DS2 # 1 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 1
(within the chip), since the last read of this register.
2.3.2.73 PMON DS2 # 2 Framing Bit Error Count
Register
This “Reset-upon Read” register contains an 8-bit
representation of the number of “F” or “M-” bit errors
that have been detected by Receive DS2 Framer # 2
(within the chip), since the last read of this register.
PMON CP-BIT ERROR COUNT REGISTER - MSB (ADDRESS = 0X58)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error Count - High Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON CP-BIT ERROR COUNT REGISTER - LSB (ADDRESS = 0X59)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error Count - Low Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON DS2 # 1 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 1 Framing-Bit Error Count
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON DS2 # 2 FRAMING BIT ERROR COUNT REGISTER (ADDRESS = 0X5B)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DS2 # 2 Framing-Bit Error Count
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com